Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256E-FDW6TP Datasheet(PDF) 14 Page - STMicroelectronics

Part # M24256E-FDW6TP
Description  256-Kbit serial I²C bus EEPROM with configurable device address and preprogrammed device address
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256E-FDW6TP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M24256E-FDW6TP Datasheet HTML 10Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 11Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 12Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 13Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 14Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 15Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 16Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 17Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
6.1.2
Page write
The page write mode allows up to 64 bytes to be written in a single write cycle, provided they are all located in the
same page in the memory: that is, the most significant memory address bits, A14/A6 are the same. If more bytes
than those that will fit up to the end of the page are sent, a “roll-over” occurs, i.e. the bytes exceeding the page
end are written on the same page, from location 0.
The bus master sends from 1 to 64 bytes of data, each one is acknowledged by the device if write control (WC) is
low. If write control (WC) is high, the contents of the addressed memory location are not modified, and each data
byte is followed by a no ACK, as shown in Figure 7. After each transferred byte, the internal page address counter
is incremented.
The transfer is terminated by the bus master generating a stop condition.
Figure 7. Write mode sequence WC = 1 (data write inhibited)
M24256E-F
Write operations on memory array
DS12687 - Rev 3
page 14/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com