Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256E-FDW6TP Datasheet(PDF) 15 Page - STMicroelectronics

Part # M24256E-FDW6TP
Description  256-Kbit serial I²C bus EEPROM with configurable device address and preprogrammed device address
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256E-FDW6TP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M24256E-FDW6TP Datasheet HTML 11Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 12Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 13Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 14Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 15Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 16Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 17Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 18Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
6.1.3
ECC (error correction code) and write cycling
The error correction code (ECC) is an internal logic function which is transparent for the I2C communication
protocol.
The ECC logic is implemented on each group of four EEPROM bytes. Inside a group, if a single bit out of the four
bytes happens to be erroneous during a read operation, the ECC detects this bit and replaces it with the correct
value. The read reliability is therefore much improved.
Even if the ECC function is performed on groups of four bytes, a single byte can be written/cycled independently.
In this case, the ECC function also writes/cycles the three other bytes located in the same group (a group of four
bytes is located at addresses [4*N, 4*N+1, 4*N+2, 4*N+3], where N is an integer.)
As a consequence, the maximum cycling budget is defined at group level and the cycling can be distributed over
the 4 bytes of the group: the sum of the cycles seen by byte 0, byte 1, byte 2 and byte 3 of the same group must
remain below the maximum value defined in Table 12.
M24256E-F
Write operations on memory array
DS12687 - Rev 3
page 15/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com