Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A89505GESSR Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A89505GESSR
Description  Full-Bridge PWM Gate Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A89505GESSR Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A89505GESSR Datasheet HTML 2Page - Allegro MicroSystems A89505GESSR Datasheet HTML 3Page - Allegro MicroSystems A89505GESSR Datasheet HTML 4Page - Allegro MicroSystems A89505GESSR Datasheet HTML 5Page - Allegro MicroSystems A89505GESSR Datasheet HTML 6Page - Allegro MicroSystems A89505GESSR Datasheet HTML 7Page - Allegro MicroSystems A89505GESSR Datasheet HTML 8Page - Allegro MicroSystems A89505GESSR Datasheet HTML 9Page - Allegro MicroSystems A89505GESSR Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Full-Bridge PWM Gate Driver
A89505
6
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Control Logic
IN1
IN2
SLEEPn
10 × VSENSE >
VREF
OUTA
OUTB
Function
x
x
0
x
Z
Z
Standby Mode
0
0
1
x
Z
Z
Coast
0
1
1
false
L
H
Reverse
1
0
1
false
H
L
Forward
1
1
1
x
L
L
Slow Decay SR (Brake)
0
1
1
true
H/L
L
Internal Chop Reverse, Mixed Decay *
1
0
1
true
L
H/L
Internal Chop Forward, Mixed Decay *
* In fast decay, outputs change to high-Z state when load current approaches zero, to prevent reversal of current.
I= V/
OCL
REF
SENSE
R/ 10
I_OUT
OCLn
t
OCLn
OCLn Output Flag
OCLn output function is described in the Functional Description section.
AA
BB
C
300 µs
AIOUT
V
SENSE
IN1
(IN2 = High)
0 V
0 V
V= VREF /10
SENSE
AIOUT Output
A. Internal OCL chop. AIOUT holds while SENSE voltage varies during the mixed-decay off-time.
B. INx chop. AIOUT holds while SENSE voltage drops to 0 V during slow decay.
C. Slow-decay timeout. AIOUT is forced to 0 V 300 µs after ENABLE goes low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com