Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A89505GESSR Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # A89505GESSR
Description  Full-Bridge PWM Gate Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A89505GESSR Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button A89505GESSR Datasheet HTML 5Page - Allegro MicroSystems A89505GESSR Datasheet HTML 6Page - Allegro MicroSystems A89505GESSR Datasheet HTML 7Page - Allegro MicroSystems A89505GESSR Datasheet HTML 8Page - Allegro MicroSystems A89505GESSR Datasheet HTML 9Page - Allegro MicroSystems A89505GESSR Datasheet HTML 10Page - Allegro MicroSystems A89505GESSR Datasheet HTML 11Page - Allegro MicroSystems A89505GESSR Datasheet HTML 12Page - Allegro MicroSystems A89505GESSR Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Full-Bridge PWM Gate Driver
A89505
12
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
For Reference Only – Not for Tooling Use
(Reference JEDEC MO-153ACT; Allegro DWG-0000379, Rev. 3)
NOTTO SCALE
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
A
1.20 MAX
0.15
0.025
0.30
0.19
0.20
0.09
8°
0°
0.60 ±0.15
1.00 REF
C
SEATING
PLANE
C
0.10
20X
0.65 BSC
0.25 BSC
2
1
1
20
6.50 ±0.10
4.40 ±0.10
3.00
3.00
4.20
4.20
6.40 ±0.20
GAUGE PLANE
SEATING PLANE
A
B
0.45
1.70
20
2
1
B
6.10
0.65
C Exposed thermal pad (bottom surface)
C
PCB Layout Reference View
Terminal #1 mark area
Reference land pattern layout (reference IPC7351 SOP65P640X110-21M); all pads a minimum of 0.20 mm from all adjacent pads;
adjust as necessary to meet application process requirements and PCB layout tolerances; when mounting on a multilayer PCB,
thermal vias at the exposed thermal pad land can improve thermal dissipation (reference EIA/JEDEC Standard JESD51-5)
Branding scale and appearance at supplier discretion
D
XXXXXXX
Date Code
Lot Number
D
Standard Branding Reference View
Lines 1, 2, 3 = 8 characters
Line 1: Part Number
Line 2: Logo A, 4 digit Date Code
Line 3: Characters 5, 6, 7, 8 of Assembly Lot Number
LP Package, 20-Pin eTSSOP with Exposed Thermal Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com