Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6402 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDA6402
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6402 Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA6402 Datasheet HTML 1Page - NXP Semiconductors TDA6402 Datasheet HTML 2Page - NXP Semiconductors TDA6402 Datasheet HTML 3Page - NXP Semiconductors TDA6402 Datasheet HTML 4Page - NXP Semiconductors TDA6402 Datasheet HTML 5Page - NXP Semiconductors TDA6402 Datasheet HTML 6Page - NXP Semiconductors TDA6402 Datasheet HTML 7Page - NXP Semiconductors TDA6402 Datasheet HTML 8Page - NXP Semiconductors TDA6402 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
DATA SHEET
Product specification
Supersedes data of 1998 Jul 28
File under Integrated Circuits, IC02
2000 Jan 24
INTEGRATED CIRCUITS
TDA6402; TDA6402A; TDA6403;
TDA6403A
5 V mixers/oscillators and
synthesizers for cable TV and VCR
2-band tuners


Similar Part No. - TDA6402

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6404 PHILIPS-TDA6404 Datasheet
221Kb / 32P
5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
TDA6404TS PHILIPS-TDA6404TS Datasheet
221Kb / 32P
5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
TDA6405 PHILIPS-TDA6405 Datasheet
221Kb / 32P
5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
TDA6405A PHILIPS-TDA6405A Datasheet
221Kb / 32P
5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
TDA6405ATS PHILIPS-TDA6405ATS Datasheet
221Kb / 32P
5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
More results

Similar Description - TDA6402

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN8506S PANASONIC-DN8506S Datasheet
33Kb / 3P
Prescaler IC for TV and VCR tuners
logo
NXP Semiconductors
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA6502 PHILIPS-TDA6502 Datasheet
200Kb / 44P
5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Mar 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com