Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6402 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA6402
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6402 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA6402 Datasheet HTML 15Page - NXP Semiconductors TDA6402 Datasheet HTML 16Page - NXP Semiconductors TDA6402 Datasheet HTML 17Page - NXP Semiconductors TDA6402 Datasheet HTML 18Page - NXP Semiconductors TDA6402 Datasheet HTML 19Page - NXP Semiconductors TDA6402 Datasheet HTML 20Page - NXP Semiconductors TDA6402 Datasheet HTML 21Page - NXP Semiconductors TDA6402 Datasheet HTML 22Page - NXP Semiconductors TDA6402 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
2000 Jan 24
19
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
Notes
1. The RF frequency range is defined by the oscillator frequency range and the intermediate frequency (IF).
2. This is the level of the RF signal (100% amplitude modulated with 11.89 kHz) that causes a 750 Hz frequency
deviation on the oscillator signal; it produces sidebands 30 dB below the level of the oscillator signal.
3. Limits are related to the tank circuits used in Fig.19; frequency bands may be adjusted by the choice of external
components.
4. The frequency shift is defined as a change in oscillator frequency when the supply voltage varies from
VCC = 5 to 4.75 V (4.5 V) or from VCC = 5 to 5.25 V (5.5 V). The oscillator is free running during this measurement.
Zi
input impedance (RS +jωLS)RS at fRF = 367.25 MHz; see Fig.10
−
30
−Ω
RS at fRF = 801.25 MHz; see Fig.10
−
38
−Ω
LS at fRF = 367.25 MHz; see Fig.10
−
9
−
nH
LS at fRF = 801.25 MHz; see Fig.10
−
6
−
nH
UHF OSCILLATOR
fOSC
oscillator frequency
note 3
413
−
847
MHz
∆f
OSC(V)
oscillator frequency shift
∆VCC = 5%; note 4
−
10
80
kHz
∆VCC = 10%; note 4
−
300
−
kHz
∆f
OSC(T)
oscillator frequency drift
∆T=25 °C; with compensation;
note 5
−
2000
2700
kHz
∆fOSC(t)
oscillator frequency drift
5 s to 15 min after switching on;
note 6
−
300
1300
kHz
Φ
OSC
phase noise, carrier to noise
sideband
±100 kHz frequency offset; worst
case in the frequency range
−
100
−
dBc/Hz
RSC
ripple susceptibility of VCC
(peak-to-peak value)
VCC = 5 V (worst case in the
frequency range); ripple frequency
500 kHz; note 7
15
28
−
mV
IF AMPLIFIER
S22
output reflection coefficient
magnitude; see Fig.11
−−13.1
−
dB
phase; see Fig.11
−
2.9
−
deg
Zo
output impedance (RS +jωLS)RS at 43.5 MHz; see Fig.11
−
75
−Ω
LS at 43.5 MHz; see Fig.11
−
6.6
−
nH
REJECTION AT THE IF OUTPUT
INTDIF
level of divider interferences in
the IF signal
note 8; worst case: channel C
−
17
−
dB
µV
INTRXTAL
crystal oscillator interferences
rejection
VIF = 100 dBµV; worst case in the
frequency range; note 9
60
−−
dBc
INTRFREF reference frequency rejection
VIF = 100 dBµV; worst case in the
frequency range; fREF = 7.8125 kHz;
note 10
50
−−
dBc
INTCH6
channel 6 beat
VRFpix =VRFsnd =80dBµV; note 11
57
−−
dBc
INTCHA-5
channel A-5 beat
VRFpix =80dBµV; note 12
60
−−
dBc
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com