Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6402 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # TDA6402
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6402 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button TDA6402 Datasheet HTML 20Page - NXP Semiconductors TDA6402 Datasheet HTML 21Page - NXP Semiconductors TDA6402 Datasheet HTML 22Page - NXP Semiconductors TDA6402 Datasheet HTML 23Page - NXP Semiconductors TDA6402 Datasheet HTML 24Page - NXP Semiconductors TDA6402 Datasheet HTML 25Page - NXP Semiconductors TDA6402 Datasheet HTML 26Page - NXP Semiconductors TDA6402 Datasheet HTML 27Page - NXP Semiconductors TDA6402 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
2000 Jan 24
24
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
Fig.16 Gain (Gv) measurement in UHF band.
Loss (in hybrid) = 1 dB.
Vi =Vmeas − loss (in hybrid) = 70 dBµV.
Vo =V’meas ×
Gv = 20 log
50
22
+
50
-------------------
V
o
V
i
------
handbook, full pagewidth
MGE701
UHFIN2
Vi
50
Ω
22
Ω
50
Ω
50
Ω
V
UHFIN1 IFOUT
e
Vmeas
RMS
voltmeter
spectrum
analyzer
Vo
D.U.T.
V'meas
signal
source
50
Ω
A
B
C
D
HYBRID
Fig.17 Noise figure (NF) measurement in bands UHF.
Loss (in hybrid) = 1 dB.
NF = NFmeas − loss (in hybrid).
handbook, full pagewidth
MGE702
22
Ω
UHFIN
UHFIN
IFOUT
D.U.T.
NOISE
SOURCE
NOISE
FIGURE
METER
50
Ω
A
B
C
D
HYBRID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com