Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6402 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TDA6402
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6402 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TDA6402 Datasheet HTML 24Page - NXP Semiconductors TDA6402 Datasheet HTML 25Page - NXP Semiconductors TDA6402 Datasheet HTML 26Page - NXP Semiconductors TDA6402 Datasheet HTML 27Page - NXP Semiconductors TDA6402 Datasheet HTML 28Page - NXP Semiconductors TDA6402 Datasheet HTML 29Page - NXP Semiconductors TDA6402 Datasheet HTML 30Page - NXP Semiconductors TDA6402 Datasheet HTML 31Page - NXP Semiconductors TDA6402 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
2000 Jan 24
28
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
Table 18 Crystal
Table 19 Transistors
Tuning amplifier
The tuning amplifier is capable of driving the varicap
voltage without an external transistor. The tuning voltage
output must be connected to an external load of 27 k
Ω
which is connected to the tuning voltage supply rail.
The loop filter design depends on the oscillator
characteristics and the selected reference frequency.
Crystal oscillator
The crystal oscillator uses a 4 MHz crystal connected in
series with an 18 pF capacitor thereby operating in the
series resonance mode. Connecting the oscillator to the
supply voltage is preferred, but it can also be connected to
ground.
Examples of I2C-bus sequences (SW = VCC) for
TDA6402 and TDA6403
Tables 20 to 24 show the various sequences where:
fOSC = 100 MHz
PVHFL = ‘ON’ to switch on VHF I
FMST is ‘ON’ to switch on an FM sound trap
ICP = 280 µA
N = 512
fXTAL = 4 MHz
S = START
A = acknowledge
P = STOP.
For the complete sequence see Table 20 (sequence 1) or
Table 21 (sequence 2).
COMPONENT
VALUE
X1
4 MHz
COMPONENT
VALUE
TR1
BC847B
TR2
BC847B
Table 20 Complete sequence 1
Table 21 Complete sequence 2
START
ADDRESS BYTE DIVIDER BYTE 1 DIVIDER BYTE 2 CONTROL BYTE
BAND SWITCH
BYTE
STOP
S
C2
A
06
A40A
CE
A09A
P
START
ADDRESS BYTE CONTROL BYTE
BAND SWITCH
BYTE
DIVIDER BYTE 1 DIVIDER BYTE 2
STOP
S
C2
A
CE
A09A06A40A
P
Table 22 Divider bytes only sequence
Table 23 Control and band switch bytes only sequence
Table 24 Control byte only sequence
Table 25 Status byte acquisition
Notes
1. XX = Read status byte.
2. X = No acknowledge from the master means end of
sequence.
S
C2
A
06A40A
P
SC2A
CE
A
09
A
P
SC2A
CE
A
P
SC3A
XX(1)
X(2)
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com