Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6402 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # TDA6402
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6402 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button TDA6402 Datasheet HTML 23Page - NXP Semiconductors TDA6402 Datasheet HTML 24Page - NXP Semiconductors TDA6402 Datasheet HTML 25Page - NXP Semiconductors TDA6402 Datasheet HTML 26Page - NXP Semiconductors TDA6402 Datasheet HTML 27Page - NXP Semiconductors TDA6402 Datasheet HTML 28Page - NXP Semiconductors TDA6402 Datasheet HTML 29Page - NXP Semiconductors TDA6402 Datasheet HTML 30Page - NXP Semiconductors TDA6402 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
2000 Jan 24
27
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
Component values for measurement circuit
Table 13 Capacitors (all SMD and NP0)
Table 14 Resistors (all SMD)
COMPONENT
VALUE
C1
1 nF
C2
1 nF
C3
1 nF
C4
15 pF
C5
15 pF
C6
1 pF (N750)
C7
1.8 pF (N750)
C8
1.8 pF (N750)
C9
1 pF (N750)
C10
8 pF (N750)
C11
47 pF (N750)
C12
2.2 pF (N750)
C13
2.7 pF (N750)
C14
100 pF (N470)
C15
4.7 nF
C16
4.7 nF
C17
1 nF
C18
10 nF
C19
18 pF
C20
100 nF
C21
2.2 nF
C22
10 nF
C23
10
µF (16 V; electrolytic)
C24
10
µF (16 V; electrolytic)
C25
10 nF
COMPONENT
VALUE
R1
22 k
Ω
R2
4.7 k
Ω
R3
22 k
Ω
R4
22 k
Ω
R5
4.7
Ω
R6
10 k
Ω
R7
680
Ω
R8
3.9 k
Ω
R9
3.9 k
Ω
R10
33 k
Ω
Table 15 Diodes and ICs
Table 16 Coils (wire size 0.4 mm)
Table 17 Transformer (note 1)
Note
1. Coil type: TOKO 7kN; material: 113 kN; screw core:
03-0093; pot core: 04-0026.
R11
22 k
Ω
R12
330
Ω
R13
330
Ω
R14
330
Ω
R15
330
Ω
R16
22 k
Ω
R18
22
Ω
R19
330
Ω
R20
330
Ω
R21
330
Ω
R22
330
Ω
R23
6.8 k
Ω
R24
68 k
Ω
R25
1 k
Ω
R26
50
Ω
COMPONENT
VALUE
D1
BB134
D2
BB133
D3
BA792
IC
TDA6402; TDA6402A;
TDA6403; TDA6403A
COMPONENT
VALUE
L2
23 nH
L3
23 nH
L4
30 nH
L5
80 nH
L6
80 nH
COMPONENT
VALUE
L1
2
× 5 turns
COMPONENT
VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com