Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8366 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8366
Description  I2C-bus controlled PAL/NTSC TV processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8366 Datasheet HTML 1Page - NXP Semiconductors TDA8366 Datasheet HTML 2Page - NXP Semiconductors TDA8366 Datasheet HTML 3Page - NXP Semiconductors TDA8366 Datasheet HTML 4Page - NXP Semiconductors TDA8366 Datasheet HTML 5Page - NXP Semiconductors TDA8366 Datasheet HTML 6Page - NXP Semiconductors TDA8366 Datasheet HTML 7Page - NXP Semiconductors TDA8366 Datasheet HTML 8Page - NXP Semiconductors TDA8366 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
January 1995
2
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
FEATURES
• Multistandard vision IF circuit (positive and
negative modulation)
• Video identification circuit in the IF circuit which is
independent of the synchronization for stable On Screen
Display (OSD) under ‘no-signal’ conditions
• Source selection with 2 Colour Video Blanking
Synchronization (CVBS) inputs and a Y/C (or extra
CVBS) input
• Output signals of the video switch circuit for the teletext
decoder and a Picture-In-Picture (PIP) processor
• Integrated chrominance trap and bandpass filters
(automatically calibrated)
• Integrated luminance delay line
• Asymmetrical peaking in the luminance channel with a
(defeatable) noise coring function
• PAL/NTSC colour decoder with automatic search
system
• Easy interfacing with the TDA8395 (SECAM decoder)
for multistandard applications
• RGB control circuit with black-current stabilization and
white point adjustment; to obtain a good grey scale
tracking the black-current ratio of the 3 guns depends on
the white point adjustment
• Linear RGB inputs and fast blanking
• Horizontal synchronization with two control loops and
alignment-free horizontal oscillator
• Vertical count-down circuit
• Geometry correction by means of modulation of the
vertical and EW drive
• I2C-bus control of various functions
• Low dissipation (850 mW)
• Small amount of peripheral components compared with
competition ICs
• Only one adjustment (vision IF demodulator)
• Y, U and V inputs and outputs.
GENERAL DESCRIPTION
The TDA8366 is an I2C-bus controlled PAL/NTSC TV
processor. The circuit has been designed for use with the
baseband chrominance delay line TDA4665 and for
DC-coupled vertical and East-West (EW) output stages.
The device can process both CVBS and Y/C input signals
and has a linear RGB-input with fast blanking.
The peaking circuit generates asymmetrical overshoots
(the amplitude of the ‘black’ overshoots is approximately
2 times higher as the one of the ‘white’ overshoots) and
contains a (defeatable) coring function.
The RGB control circuit contains a black-current stabilizer
circuit with internal clamp capacitors. The white point of the
picture tube is adjusted via the I2C-bus.
The deflection control circuit provides a drive pulse for the
horizontal output stage, a differential sawtooth current for
the vertical output stage and an East-West drive current for
the East-West output stage.These signals can be
manipulated for geometry correction of the picture.
The supply voltage for the IC is 8 V. The IC is available in
an SDIP package with 52 pins and in a QFP package with
64 pins (see Chapter “Ordering information”).
The pin numbers indicated in this document are
referenced to the SDIP52; SOT247-1 package; unless
otherwise indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com