Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8366 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8366
Description  I2C-bus controlled PAL/NTSC TV processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8366 Datasheet HTML 1Page - NXP Semiconductors TDA8366 Datasheet HTML 2Page - NXP Semiconductors TDA8366 Datasheet HTML 3Page - NXP Semiconductors TDA8366 Datasheet HTML 4Page - NXP Semiconductors TDA8366 Datasheet HTML 5Page - NXP Semiconductors TDA8366 Datasheet HTML 6Page - NXP Semiconductors TDA8366 Datasheet HTML 7Page - NXP Semiconductors TDA8366 Datasheet HTML 8Page - NXP Semiconductors TDA8366 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
January 1995
3
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
ORDERING INFORMATION
Note
1. When using IR reflow soldering it is recommended that the Drypack instructions in the
“Quality Reference Handbook”
(order number 9398 510 63011) are followed.
QUICK REFERENCE DATA
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8366
SDIP52
plastic shrink dual in-line package; 52 leads (600 mil)
SOT247-1
TDA8366H
QFP64(1)
plastic quad flat package; 64 leads (lead length 1.95 mm);
body 14
× 20 × 2.8 mm
SOT319-2
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
−
8.0
−
V
IP
supply current
−
100
−
mA
Input voltages
V46,47(rms)
video IF amplifier sensitivity (RMS value)
−
70
−µV
V15(p-p)
external CVBS input (peak-to-peak value)
−
1.0
−
V
V9(p-p)
S-VHS luminance input voltage (peak-to-peak value)
−
1.0
−
V
V8(p-p)
S-VHS chroma input voltage (burst amplitude)
(peak-to-peak value)
−
0.3
−
V
V21,22,23(p-p)
RGB inputs (peak-to-peak value)
−
0.7
−
V
Output signals
Vo(p-p)
demodulated CVBS output (peak-to-peak value)
−
2.5
−
V
I52
tuner AGC output current range
0
−
5mA
V36(p-p)
TXT output voltage (peak-to-peak value)
−
1.0
−
V
V13(p-p)
PIP output voltage (peak-to-peak value)
−
1.0
−
V
V28(p-p)
−(R−Y) output voltage (peak-to-peak value)
−
525
−
mV
V27(p-p)
−(B−Y) output voltage (peak-to-peak value)
−
675
−
mV
V26
Y output voltage
−
450
−
mV
V19,18,17(p-p)
RGB output signal amplitudes (peak-to-peak value)
−
2.0
−
V
I38
horizontal output current
10
−−
mA
I44,45
vertical output current
1
−−
mA
I43
EW drive output current
0.5
−−
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com