Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8366 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA8366
Description  I2C-bus controlled PAL/NTSC TV processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA8366 Datasheet HTML 18Page - NXP Semiconductors TDA8366 Datasheet HTML 19Page - NXP Semiconductors TDA8366 Datasheet HTML 20Page - NXP Semiconductors TDA8366 Datasheet HTML 21Page - NXP Semiconductors TDA8366 Datasheet HTML 22Page - NXP Semiconductors TDA8366 Datasheet HTML 23Page - NXP Semiconductors TDA8366 Datasheet HTML 24Page - NXP Semiconductors TDA8366 Datasheet HTML 25Page - NXP Semiconductors TDA8366 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
January 1995
22
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
HORIZONTAL OSCILLATOR
ffr
free running frequency
−
15625
−
Hz
∆f
fr
spread on free running
frequency
−−±2%
∆f/∆VP
frequency variation with respect
to the supply voltage
VP = 8.0 V ±10%; note 6
−
0.2
0.5
%
∆f
(max)
frequency variation with
temperature
Tamb = 0 to 70 °C; note 6
−−
80
Hz
∆f
osc(max)
maximum frequency deviation
at the start of the horizontal
output
−−
75
%
FIRST CONTROL LOOP (FILTER CONNECTED TO PIN 41); note 19
fHR
holding range PLL
−±0.9
±1.2
kHz
fCR
catching range PLL
note 6
±0.6
±0.9
−
kHz
S/N
signal-to-noise ratio of the video
input signal at which the time
constant is switched
−
20
−
dB
HYS
hysteresis at the switching point
−
1
−
dB
SECOND CONTROL LOOP (CAPACITOR CONNECTED TO PIN 40)
∆ϕ
i/∆ϕo
control sensitivity
−
150
−µs/µs
tcr
control range from start of
horizontal output to flyback at
nominal shift position
11
12
−µs
tshift
horizontal shift range
63 steps
±2
−−µs
control sensitivity for dynamic
compensation
−
5.3
−µs/V
HORIZONTAL OUTPUT (PIN 38); note 20
VOL
LOW level output voltage
IO =10mA
−−
0.3
V
IO(max)
maximum allowed output
current
10
−−
mA
VO(max)
maximum allowed output
voltage
−−
VP
V
δ
duty factor
note 6
−
50
−
%
FLYBACK PULSE INPUT (PIN 39)
VHSW
switching level for horizontal
blanking
−
0.4
−
V
Vϕ2(SW)
switching level for phase-2 loop
−
4.0
−
V
V39(max)
maximum input voltage
note 2
−
8.0
−
V
Zi
input impedance
note 2
−
10
−
M
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com