Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8366 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TDA8366
Description  I2C-bus controlled PAL/NTSC TV processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TDA8366 Datasheet HTML 19Page - NXP Semiconductors TDA8366 Datasheet HTML 20Page - NXP Semiconductors TDA8366 Datasheet HTML 21Page - NXP Semiconductors TDA8366 Datasheet HTML 22Page - NXP Semiconductors TDA8366 Datasheet HTML 23Page - NXP Semiconductors TDA8366 Datasheet HTML 24Page - NXP Semiconductors TDA8366 Datasheet HTML 25Page - NXP Semiconductors TDA8366 Datasheet HTML 26Page - NXP Semiconductors TDA8366 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
January 1995
23
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
SANDCASTLE PULSE OUTPUT (PIN 37)
V37
output voltage
during burst key
4.8
5.3
5.8
V
during blanking
1.8
2.0
2.2
V
tW
pulse width
burst key pulse
3.3
3.5
3.7
µs
vertical blanking (50 Hz)
−
25
−
lines
vertical blanking (60 Hz)
−
21
−
lines
Vclamp
clamp level for vertical guard
detection
−
2.7
−
V
I37(min)
minimum input current to
activate guard detection
−−
0.5
mA
I37(max)
maximum allowable input
current
2.5
−−
mA
td
delay of start of burst key to
start of sync
−
5.4
−µs
SOFT START; note 21
δdf
duty factor control range
0
−
50
%
tss
soft start time
−
100
−
lines
Vertical synchronization and geometry correction
VERTICAL OSCILLATOR; note 22
ffr
free running frequency
−
50/60
−
Hz
flock
locking range
45
−
64.5
Hz
divider value not locked
−
625/525
−
lines
locking range
488
−
722
lines/
frame
VERTICAL RAMP GENERATOR (PIN 49)
V49(p-p)
sawtooth amplitude
(peak-to-peak value)
VS = 1FH;
C = 100 nF; R = 39 k
Ω
−
3.5
−
V
Idis
discharge current
−
1
−
mA
Icharge
charge current set by external
resistor
note 23
−
19
−µA
VS
vertical slope
control range (63 steps)
−14
−
+14
%
compress mode
−
75
−
%
expand mode
−
133
−
%
∆I
49
charge current increase
f = 60 Hz
−
20
−
%
V49L
LOW level of ramp
normal or expand mode
−
2.07
−
V
compress mode
−
2.55
−
V
VERTICAL DRIVE OUTPUTS (PINS 44 AND 45)
Idiff(p-p)
differential output current
(peak-to-peak value)
VA = 1FH
−
1
−
mA
ICM
common mode current
−
400
−µA
Vo
output voltage range
0
−
4.0
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com