Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8366 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # TDA8366
Description  I2C-bus controlled PAL/NTSC TV processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button TDA8366 Datasheet HTML 21Page - NXP Semiconductors TDA8366 Datasheet HTML 22Page - NXP Semiconductors TDA8366 Datasheet HTML 23Page - NXP Semiconductors TDA8366 Datasheet HTML 24Page - NXP Semiconductors TDA8366 Datasheet HTML 25Page - NXP Semiconductors TDA8366 Datasheet HTML 26Page - NXP Semiconductors TDA8366 Datasheet HTML 27Page - NXP Semiconductors TDA8366 Datasheet HTML 28Page - NXP Semiconductors TDA8366 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
January 1995
25
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
Colour demodulation part
CHROMINANCE AMPLIFIER
ACCcr
ACC control range
note 24
26
−−
dB
∆V
change in amplitude of the
output signals over the ACC
range
−−
2dB
THRon
threshold colour killer ON
−23
−26
−29
dB
HYSoff
hysteresis colour killer OFF
strong signal conditions;
S/N
≥ 40 dB; note 6
−
+3
−
dB
noisy input signals; note 6
−
+1
−
dB
ACL CIRCUIT
chrominance burst ratio at
which the ACL starts to operate
2.3
−
2.7
REFERENCE PART
Phase-locked loop; note 25
fCR
catching range
300
500
−
Hz
∆ϕ
phase shift for a
±400 Hz
deviation of the oscillator
frequency
note 6
−−
2
deg
Oscillator
TCosc
temperature coefficient of the
oscillator frequency
note 6
−
2.0
2.5
Hz/K
∆f
osc
oscillator frequency deviation
with respect to the supply
note 6; VP =8V ±10%
−−
250
Hz
Ri
input resistance
pin 32; f = 3.58 MHz; note 2
−
1.5
−
k
Ω
pin 33; f = 4.43 MHz; note 2
−
1.0
−
k
Ω
Ci
input capacitance
pins 32 and 33; note 2
−−
10
pF
HUE CONTROL
HUEcr
hue control range
63 steps; see Fig.6
±35
±40
−
deg
∆HUE
hue variation for
±10% V
P
note 6
−
0
−
deg
∆HUE/∆T
hue variation with temperature
Tamb = 0 to 70 °C; note 6
−
0
−
deg
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com