Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8366 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # TDA8366
Description  I2C-bus controlled PAL/NTSC TV processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button TDA8366 Datasheet HTML 20Page - NXP Semiconductors TDA8366 Datasheet HTML 21Page - NXP Semiconductors TDA8366 Datasheet HTML 22Page - NXP Semiconductors TDA8366 Datasheet HTML 23Page - NXP Semiconductors TDA8366 Datasheet HTML 24Page - NXP Semiconductors TDA8366 Datasheet HTML 25Page - NXP Semiconductors TDA8366 Datasheet HTML 26Page - NXP Semiconductors TDA8366 Datasheet HTML 27Page - NXP Semiconductors TDA8366 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
January 1995
24
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
EHT TRACKING/OVERVOLTAGE PROTECTION (PIN 48)
∆V48
input voltage
1.2
−
2.8
V
SMR
scan modulation range
−6
−
+6
%
ϕ
vert
vertical sensitivity
−
7.5
−
%/V
ϕEW
EW sensitivity
when switched-on
−−7.5
−
%/V
Ieq
EW equivalent output current
+120
−−120
µA
V48
overvoltage detection level
−
3.9
−
V
DE-INTERLACE
first field delay
−
0.5H
−
EW WIDTH
CR
control range
63 steps
100
−
80
%
Ieq
equivalent output current
0
−
400
µA
Vo
EW output voltage range
1.0
−
8.0
V
Io
EW output current range
0
−
900
µA
EW PARABOLA/WIDTH
CR
control range
63 steps
0
−
24
%
Ieq
equivalent output current
EW = 3FH
0
−
480
µA
EW CORNER/PARABOLA
CR
control range
63 steps
−44
−
0%
Ieq
equivalent output current
PW = 3FH; EW = 3FH
−210
−
0
µA
EW TRAPEZIUM
CR
control range
63 steps
−4
−
+4
%
Ieq
equivalent output current
−80
−
+80
µA
VERTICAL AMPLITUDE
CR
control range
63 steps; SC = 00H
80
−
120
%
63 steps; SC = 3FH
86
−
112
%
Ieqdiff(p-p)
equivalent differential vertical
drive output current
(peak-to-peak value)
SC = 00H
800
−
1200
µA
VERTICAL SHIFT
CR
control range
63 steps
−4
−
+4
%
Ieqdiff(p-p)
equivalent differential vertical
drive output current
(peak-to-peak value)
−40
−
+40
µA
S-CORRECTION
CR
control range
63 steps
0
−
25
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com