Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8376 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA8376
Description  I2C-bus controlled PAL/NTSC TV processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8376 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA8376 Datasheet HTML 13Page - NXP Semiconductors TDA8376 Datasheet HTML 14Page - NXP Semiconductors TDA8376 Datasheet HTML 15Page - NXP Semiconductors TDA8376 Datasheet HTML 16Page - NXP Semiconductors TDA8376 Datasheet HTML 17Page - NXP Semiconductors TDA8376 Datasheet HTML 18Page - NXP Semiconductors TDA8376 Datasheet HTML 19Page - NXP Semiconductors TDA8376 Datasheet HTML 20Page - NXP Semiconductors TDA8376 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
1996 Jan 26
17
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV processors
TDA8376; TDA8376A
9
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. All pins are protected against ESD by means of internal clamping diodes.
2. Human Body Model (HBM): R = 1.5 k
Ω; C = 100 pF.
3. Machine Model (MM): R = 0
Ω; C = 200 pF.
10 THERMAL CHARACTERISTICS
11 QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611E”. The number of the quality specification can be found in the “Quality Reference
Handbook”. The handbook can be ordered using the code 9398 510 63011.
11.1
Latch-up
At Tamb =70 °C all pins meet the following specification.
• Itrigger ≥ 100 mA or ≥1.5VDD(max)
• Itrigger ≤−100 mA or ≤−0.5VDD(max).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
−
9.0
V
Tstg
storage temperature
−25
+150
°C
Tamb
operating ambient temperature
0
70
°C
Tsol
soldering temperature
for 5 s
−
260
°C
Tj
operating junction temperature
−
150
°C
Ves
electrostatic handling
all pins; notes 1 and 2
−2000
+2000
V
all pins; notes 1 and 3
−200
+200
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
SDIP52
40
K/W
QFP64
50
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com