Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8376 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA8376
Description  I2C-bus controlled PAL/NTSC TV processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8376 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA8376 Datasheet HTML 15Page - NXP Semiconductors TDA8376 Datasheet HTML 16Page - NXP Semiconductors TDA8376 Datasheet HTML 17Page - NXP Semiconductors TDA8376 Datasheet HTML 18Page - NXP Semiconductors TDA8376 Datasheet HTML 19Page - NXP Semiconductors TDA8376 Datasheet HTML 20Page - NXP Semiconductors TDA8376 Datasheet HTML 21Page - NXP Semiconductors TDA8376 Datasheet HTML 22Page - NXP Semiconductors TDA8376 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
1996 Jan 26
19
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV processors
TDA8376; TDA8376A
RGB inputs, colour difference inputs, luminance inputs and outputs
RGB INPUTS (PINS 15 TO 17 AND 23 TO 25); note 5
Vi(p-p)
input signal voltage amplitude for an
output signal of 2 V (black-to-white)
at nominal controls
(peak-to-peak value)
note 6
−
0.7
0.8
V
Vi(p-p)
input signal voltage amplitude
before clipping occurs
(peak-to-peak value)
note 2
1.0
−−
V
∆V
o
difference between black level of
internal and external signals at the
outputs
−−
20
mV
Ii
input currents
no clamping; note 7
−
0.1
−µA
∆t
d
delay difference for the three
channels
note 2
−
020
ns
FAST BLANKING (PINS 14 AND 26)
Vi
input voltage
no data insertion
−−
0.4
V
data insertion
0.9
−−
V
V14,26(max)
maximum input pulse
data insertion
−−
3.0
V
td
delay time from RGB input to
RGB output
data insertion; note 5
−
100
−
ns
∆td
delay difference between data
insertion to RGB output and
RGB input to RGB output
data insertion; note 5
−
50
−
ns
I14,26
input current
−−
0.2
mA
SSint
suppression of internal RGB signals
notes 1 and 2; data
insertion; fi = 0 to 5 MHz
55
−−
dB
SSext
suppression of external RGB signals notes 1 and 2; no data
insertion; fi = 0 to 5 MHz
55
−−
dB
V14
input voltage to insert black level at
the RGB outputs to facilitate OSD
signals being applied to the outputs
4
−−
V
COLOUR DIFFERENCE INPUT SIGNALS (PINS 31 AND 32)
V32(p-p)
input signal amplitude
−(R−Y)
(peak-to-peak value)
note 7
−
1.05
−
V
V31(p-p)
input signal amplitude
−(B−Y)
(peak-to-peak value)
note 7
−
1.35
−
V
I31,32
input current for both inputs
note 7
−
0.1
1.0
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com