Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8376 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8376
Description  I2C-bus controlled PAL/NTSC TV processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8376 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8376 Datasheet HTML 1Page - NXP Semiconductors TDA8376 Datasheet HTML 2Page - NXP Semiconductors TDA8376 Datasheet HTML 3Page - NXP Semiconductors TDA8376 Datasheet HTML 4Page - NXP Semiconductors TDA8376 Datasheet HTML 5Page - NXP Semiconductors TDA8376 Datasheet HTML 6Page - NXP Semiconductors TDA8376 Datasheet HTML 7Page - NXP Semiconductors TDA8376 Datasheet HTML 8Page - NXP Semiconductors TDA8376 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
1996 Jan 26
4
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV processors
TDA8376; TDA8376A
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
−
8.0
−
V
IP
supply current
−
75
−
mA
Input voltages
V9,13(p-p)
CVBS input voltage (peak-to-peak value)
−
1.0
−
V
V27(p-p)
S-VHS luminance input voltage (peak-to-peak value)
−
1.0
−
V
V6(p-p)
S-VHS chrominance input voltage (burst amplitude) (peak-to-peak
value)
−
0.3
−
V
Vi(p-p)
RGB input voltage (peak-to-peak value)
−
0.7
−
V
Output voltages
V38(p-p)
TXT output voltage (peak-to-peak value)
−
1.0
−
V
V11(p-p)
PIP output voltage (peak-to-peak value)
−
1.0
−
V
V30(p-p)
−(R−Y) output voltage (peak-to-peak value)
−
525
−
mV
V29(p-p)
−(B−Y) output voltage (peak-to-peak value)
−
675
−
mV
V19,20,21(p-p)
RGB output signal voltage amplitudes (peak-to-peak value)
−
2.0
−
V
Output currents
I40
horizontal output current
10
−−
mA
I47,48
vertical output current
1
−−
mA
I46
E-W drive output current
0.5
−−
mA
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8376
SDIP52
plastic shrink dual in-line package; 52 leads (600 mil)
SOT247-1
TDA8376AH
QFP64
plastic quad flat package; 64 leads (lead length 1.95 mm);
body 14
× 20 × 2.8 mm
SOT319-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com