Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8376 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # TDA8376
Description  I2C-bus controlled PAL/NTSC TV processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8376 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button TDA8376 Datasheet HTML 23Page - NXP Semiconductors TDA8376 Datasheet HTML 24Page - NXP Semiconductors TDA8376 Datasheet HTML 25Page - NXP Semiconductors TDA8376 Datasheet HTML 26Page - NXP Semiconductors TDA8376 Datasheet HTML 27Page - NXP Semiconductors TDA8376 Datasheet HTML 28Page - NXP Semiconductors TDA8376 Datasheet HTML 29Page - NXP Semiconductors TDA8376 Datasheet HTML 30Page - NXP Semiconductors TDA8376 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
1996 Jan 26
27
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV processors
TDA8376; TDA8376A
Vbl
black level shift with picture content
note 2
−−
20
mV
Vo
output voltage of the 4-L pulse after
switch-on
−
4.2
−
V
∆bl/∆T
variation of black level with
temperature
note 2
−
1.0
−
mV/K
∆bl
relative variation in black level
between the three channels during
variations of
note 2
supply voltage (
±10%)
nominal controls
−−
tbf
mV
saturation (50 dB)
nominal contrast
−−
tbf
mV
contrast (20 dB)
nominal saturation
−−
tbf
mV
brightness (
±0.5 V)
nominal controls
−−
tbf
mV
temperature (range 40
°C)
−−
tbf
mV
S/N
signal-to-noise ratio of the output
signals
RGB input; note 24
60
−−
dB
CVBS input; note 24
50
−−
dB
Vres(p-p)
residual voltage at the RGB outputs
(peak-to-peak value)
at fosc
−−
15
mV
at 2fosc plus higher
harmonics in RGB outputs
−−
15
mV
B
bandwidth of output signals
RGB input; at
−3dB
8
−−
MHz
CVBS input; at
−3 dB;
fosc = 3.58 MHz
−
2.8
−
MHz
CVBS input; at
−3 dB;
fosc = 4.43 MHz
−
3.5
−
MHz
S-VHS input; at
−3dB
5
−−
MHz
WHITE-POINT ADJUSTMENT
I2C-bus setting for nominal gain
HEX code
−
20H
−
Ginc(max)
maximum increase of the gain
HEX code 3FH
40
50
60
%
Gdec(max)
maximum decrease of the gain
HEX code 00H
40
50
60
%
BLACK-CURRENT STABILIZATION (PIN 18); note 25
Ibias
bias current for the picture tube
cathode
nominal white point setting
−
10
−µA
Ileak
acceptable leakage current
−
100
−µA
Iscan(max)
maximum current during scan
−
0.3
−
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com