Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8376 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # TDA8376
Description  I2C-bus controlled PAL/NTSC TV processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8376 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button TDA8376 Datasheet HTML 27Page - NXP Semiconductors TDA8376 Datasheet HTML 28Page - NXP Semiconductors TDA8376 Datasheet HTML 29Page - NXP Semiconductors TDA8376 Datasheet HTML 30Page - NXP Semiconductors TDA8376 Datasheet HTML 31Page - NXP Semiconductors TDA8376 Datasheet HTML 32Page - NXP Semiconductors TDA8376 Datasheet HTML 33Page - NXP Semiconductors TDA8376 Datasheet HTML 34Page - NXP Semiconductors TDA8376 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
1996 Jan 26
31
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV processors
TDA8376; TDA8376A
Table 39 Output current of the phase detector in the various conditions
Note
1. Only during vertical retrace, pulse width 22
µs. In other conditions the pulse width is 5.7 µs and the gating is
continuous.
I2C-BUS COMMANDS
IC CONDITIONS
ϕ-1 CURRENT/MODE
VID
POC
FOA
FOB
IDENT
COIN
NOISE
SCAN
V-RETR
GATING
MODE
−
0
0
0
yes
yes
yes
30
30
yes(1)
auto
−
0
0
0
yes
no
no
180
270
no
auto
−
0
0
1
yes
yes
yes
30
30
yes
slow
−
0
0
1
yes
yes
no
180
270
yes
fast
−
01
−
yes
−−
180
270
no
fast
00
−−
no
−−
6
6
no
OSD
−
1
−−−−−−−−
off
MLA738 - 1
50
30
10
10
30
50
(%)
04
8C
10
F
DAC (HEX)
Fig.5 Peaking control curve.
Overshoot in direction ‘black’.
MLA739 - 1
50
30
10
10
30
50
(deg)
0
10203040
DAC (HEX)
Fig.6 Hue control curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com