Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8376 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # TDA8376
Description  I2C-bus controlled PAL/NTSC TV processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8376 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button TDA8376 Datasheet HTML 30Page - NXP Semiconductors TDA8376 Datasheet HTML 31Page - NXP Semiconductors TDA8376 Datasheet HTML 32Page - NXP Semiconductors TDA8376 Datasheet HTML 33Page - NXP Semiconductors TDA8376 Datasheet HTML 34Page - NXP Semiconductors TDA8376 Datasheet HTML 35Page - NXP Semiconductors TDA8376 Datasheet HTML 36Page - NXP Semiconductors TDA8376 Datasheet HTML 37Page - NXP Semiconductors TDA8376 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
1996 Jan 26
34
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV processors
TDA8376; TDA8376A
Fig.12 East-West output stage.
handbook, full pagewidth
MGE081
TDA8376(A)
HORIZONTAL
DEFLECTION
STAGE
DIODE
MODULATOR
EW OUTPUT
STAGE
EWD
100 nF
(5%)
39 k
Ω
(2%)
46
50
51
Rc
Csaw
REW
VDD
Vscan
VEW
Iref
Vref
Fig.13 Control range of vertical amplitude.
VA = 0, 31H and 63H; VSH = 31H; SC = 0.
handbook, halfpage
0
600
200
−200
−600
−400
0
400
t
MGE082
1/2 t
Ivert
(
µA)
time
Fig.14 Control range of vertical slope.
VS = 0, 31H and 63H; VA = 31H; VHS = 31H; SC = 0.
handbook, halfpage
0t
900
500
−300
−700
100
700
−100
−500
300
MGE083
1/2 t
time
Ivert
(
µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com