Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCF5249VM140 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # SCF5249VM140
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249VM140 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button SCF5249VM140 Datasheet HTML 36Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 37Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 38Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 39Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 40Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 41Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 42Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 43Page - Freescale Semiconductor, Inc SCF5249VM140 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Electrical Characteristics
Freescale Semiconductor
40
Figure 12. UART Timing Definition
Table 26. I2C-Bus Input Timing Specifications Between SCL and SDA
Num
Characteristic
Units
Min
Max
M1
Start Condition Hold Time
tbd
bus clocks
M2
Clock Low Period
tbd
bus clocks
M3
SCL/SDA Rise Time
(VIL= 0.5 V to VIH = 2.4 V)
tbd
mSec
M4
Data Hold Time
tbd
nSec
M5
SCL/SDA Fall Time
(VIH= 2.4 V to VIL = 0.5 V)
tbd
mSec
M6
Clock High time
tbd
bus clocks
M7
Data Setup Time
tbd
nSec
M8
Start Condition Setup Time
(for repeated start condition only)
tbd
bus clocks
SCLK
RXD
CTS
TXD
RTS
U1
U2
U3
U4
U5
U6
U7
U8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com