| Electronic Components Datasheet Search |
|
SCF5249VM140 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SCF5249VM140 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc |
|
14 / 56 page ![]() SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3 Signal Descriptions Freescale Semiconductor 14 ISA bus read strobes CS2/IDE-DIOR/GPIO13 CS3/SRE/GPIO11 There are 2 ISA bus read strobes and 2 ISA bus write strobes. They allow connection of two independent ISA bus peripherals, e.g. an IDE slave device and a SmartMedia card. In/Out ISA bus write strobes IDE-DIOW/GPIO14 SWE/GPIO12 In/Out ISA bus wait signal IDE-IORDY/GPIO16 ISA bus wait line - available for both busses In/Out Chip Selects[1:0] CS0 CS1/GPIO58 Enables peripherals at programmed addresses. CS[1:0]. CS[0]provides boot ROM selection Out In/Out negated Buffer enable 1 BUFENB1/GPIO57 Two programmable buffer enables allow seamless steering of external buffers to split data and address bus in sections. In/Out Buffer enable 2 BUFENB2/GPIO7 In/Out Transfer acknowledge TA/GPIO20 Transfer Acknowledge signal In/Out Serial Clock Line SCL0/QSPI_CLK Clock signal for first I2C module operation Signal is also QSPI clock In/Out Serial Data Line SDA0/QSPI_DIN Serial data port first I2C module operation Signal is also QSPI data in In/Out Serial Clock Line SCL1_GPIO_3 Clock signal for second I2C module operation In/Out Serial Data Line SDA1_GPIO55 Serial data port for second I2C module operation In/Out Receive Data RXD1/GPI28/ADIN2 RXD0/GPI27 Signal is receive serial data input for DUART In Transmit Data TXD1/GPO28 TXD0/GPO27 Signal is transmit serial data output for DUART Out asserted Request-To-Send RTS1/GPO31 RTS2/GPO30 DUART signals a ready to receive data query Out negated Clear-To-Send CTS1/ADIN3/GPI31 CTS0/GPI30 Signals to DUART that data can be transmitted to peripheral CTS2 is multiplexed with an A/D input In Timer Input TIN0/GPI33 TIN1/GPIO23 Provides clock input to timer or provides trigger to timer value capture logic In In/Out Timer Output TOUT0/GPO33 TOUT1/ADOUT/GPO35 Capable of output waveform or pulse generation Out Table 4. SCF5249 Signal Index (continued) Signal Name Mnemonic Function Input/ Output Reset State |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |