Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM8024
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 4Page - Analog Devices LTM8024 Datasheet HTML 5Page - Analog Devices LTM8024 Datasheet HTML 6Page - Analog Devices LTM8024 Datasheet HTML 7Page - Analog Devices LTM8024 Datasheet HTML 8Page - Analog Devices LTM8024 Datasheet HTML 9Page - Analog Devices LTM8024 Datasheet HTML 10Page - Analog Devices LTM8024 Datasheet HTML 11Page - Analog Devices LTM8024 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTM4703
8
Rev. 0
For more information www.analog.com
Derating Curve,
VIN = 5V, VOUT = 1V, fSW = 400kHz
Derating Curve,
VIN = 5V, VOUT = 1.5V, fSW = 400kHz
Derating Curve,
VIN = 5V, VOUT = 2.5V, fSW = 400kHz
TYPICAL PERFORMANCE CHARACTERISTICS TA = 25°C, unless otherwise noted.
Derating Curve,
VIN = 5V, VOUT = 3.3V, fSW = 400kHz
Derating Curve,
VIN = 12V, VOUT = 1V, fSW = 400kHz
Derating Curve,
VIN = 12V, VOUT = 1.5V, fSW = 600kHz
Derating Curve,
VIN = 12V, VOUT = 2.5V, fSW = 600kHz
Derating Curve,
VIN = 12V, VOUT = 3.3V, fSW = 800kHz
Derating Curve,
VIN = 12V, VOUT = 5V, fSW = 800kHz
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20 30 40 50 60 70 80 90 100 110 120
0
2
4
6
8
10
12
14
16
4703 G30
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20 30 40 50 60 70 80 90 100 110 120
0
2
4
6
8
10
12
14
16
4703 G31
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20 30 40 50 60 70 80 90 100 110 120
0
2
4
6
8
10
12
14
16
4703 G32
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20 30 40 50 60 70 80 90 100 110 120
0
2
4
6
8
10
12
14
16
4703 G33
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20 30 40 50 60 70 80 90 100 110 120
0
2
4
6
8
10
12
14
16
4703 G34
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20 30 40 50 60 70 80 90 100 110 120
0
2
4
6
8
10
12
14
16
4703 G35
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20 30 40 50 60 70 80 90 100 110 120
0
2
4
6
8
10
12
14
16
4703 G36
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20 30 40 50 60 70 80 90 100 110 120
0
2
4
6
8
10
12
14
16
4703 G37
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20 30 40 50 60 70 80 90 100 110 120
0
2
4
6
8
10
12
14
16
4703 G38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com