Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM8024
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 16Page - Analog Devices LTM8024 Datasheet HTML 17Page - Analog Devices LTM8024 Datasheet HTML 18Page - Analog Devices LTM8024 Datasheet HTML 19Page - Analog Devices LTM8024 Datasheet HTML 20Page - Analog Devices LTM8024 Datasheet HTML 21Page - Analog Devices LTM8024 Datasheet HTML 22Page - Analog Devices LTM8024 Datasheet HTML 23Page - Analog Devices LTM8024 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTM4703
20
Rev. 0
For more information www.analog.com
Temperature Monitoring
Measuring the absolute temperature of a diode is possi-
ble due to the relationship between current, voltage, and
temperature described by the classic diode Equation 8.
ID =IS •e
VD
η• VT
⎛
⎝⎜
⎞
⎠⎟
or
VD = η• VT •In
ID
IS
(8)
where ID is the diode current, VD is the diode voltage, η is
the ideal factor (typically close to 1.0), and IS (saturation
current) is a process-dependent parameter. VT can be bro-
ken out by Equation 9.
VT =
k • T
q
(9)
where T is the diode junction temperature in Kelvin, q
is the electron charge, and k is Boltzmann’s constant.
VT is approximately 26mV at room temperature (298K)
and scales linearly with Kelvin temperature. It is this lin-
ear temperature relationship that makes diodes suitable
temperature sensors. The IS term in Equation 9 is the
extrapolated current through a diode junction when the
diode has zero volts across the terminals. The IS term
varies from process to process, varies with temperature,
and by definition must always be less than ID. Combining
all of the constants into one term (Equation 10).
KD =
η•k
q
(10)
where KD = 8.26–5, and knowing In (ID/IS) is always pos-
itive because ID is always greater than IS, leaves us with
Equation 11.
VD =
•KD •In
ID
IS
(KELVIN)
T
(11)
where VD appears to increase with temperature. It is
common knowledge that a silicon diode biased with a
current source has an approximate –2mV/°C temperature
relationship (Figure 6), which is at odds with the equa-
tion. The IS term increases with temperature, reducing
the absolute value and yielding an approximate –2mV/°C
composite diode voltage slope.
TEMPERATURE (°C)
–50 –25
0.3
0.5
0.8
0
50
75
0.4
0.7
0.6
25
100
4703 F06
125
Figure 6. Diode Voltage VD vs Temperature
To obtain a linear voltage proportional to temperature
we cancel the IS variable in the natural logarithm term
to remove the IS dependency from Equation 10. This is
accomplished by measuring the diode voltage at two cur-
rents I1, and I2, where I1 = 10 • I2) and subtracting, we
get Equation 12.
VD = T(KELVIN)
(KELVIN)
•KD •ln
I1
IS
T
•KD •ln
I2
IS
(12)
Combining like terms, then simplifying the natural log
terms yields Equation 13.
Δ
VD =T(KELVIN)•KD•IN(10)
(13)
and redefining the constant given by Equation 14.
K'D = KD •ln(10) =
198µV
K
(14)
yields Equation 15.
Δ
VD = K'D • T(KELVIN)
(15)
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com