Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM8024
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 13Page - Analog Devices LTM8024 Datasheet HTML 14Page - Analog Devices LTM8024 Datasheet HTML 15Page - Analog Devices LTM8024 Datasheet HTML 16Page - Analog Devices LTM8024 Datasheet HTML 17Page - Analog Devices LTM8024 Datasheet HTML 18Page - Analog Devices LTM8024 Datasheet HTML 19Page - Analog Devices LTM8024 Datasheet HTML 20Page - Analog Devices LTM8024 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LTM4703
17
Rev. 0
For more information www.analog.com
railed at its maximum value (when VSET has risen sig-
nificantly about VOSNS). This prevents incorrect behavior
where the 2.7mA current sources stays on even if VSET
has risen above its intended value.
Also, there is a minimum SET capacitor requirement for
using a fast start-up without overcharging the reference
voltage. This depends on the compensation network, as
the part is depending on the COMPa pin voltage rising to
its maximum value to inform the part to pause fast charge.
Due to the high gm of the error amplifier, the capacitor in
the compensation network typically dominates the COMPa
voltage rise time. In this case, the minimum required SET
capacitance value to prevent overcharging the reference
voltage is given by Equation 5.
Minimum CSET = 27•
CCOMP
VSET
(5)
If programmable power good and fast start-up capabili-
ties are not required, the PGSET pin must be connected
to 0.5V.
Prebiased Output
The LTM4703 regulates the output to the VSET voltage.
If the LTM4703 output is higher than the target output
voltage, the LTM4703 attempts to regulate the output to
the target voltage by returning a small amount of energy
back to the input supply. If nothing is loading the input
supply, its voltage may rise. Ensure that it does not rise
too high and that the input voltage exceeds the absolute
maximum rating of the LTM4703.
Forced Continuous Mode (FCM)
The LTM4703 can operate in FCM for fast transient
response and full-frequency operation over a wide load
range. When in FCM, the oscillator operates continuously,
and positive SW transitions are aligned to the clock. A
negative inductor current is allowed at light loads or under
large transient conditions. The LTM4703 can sink current
from the output and return this charge to the input in
this mode, improving load step transient response (see
Figure 1). At light loads, FCM operation is less efficient
than PSM operation, but it may be desirable in applications
where it is necessary to keep switching harmonics out
of the signal band. The FCM must be used if the output
is required to sink current. To enable FCM, connect the
SYNC/MODE pin to INTVCC or > 1.5V, or float the pin.
PVIN = 12V, VOUT = 1V, fSW = 2MHz
CC = 2.2nF, RC = 1k
COUT = 100µF ×2 + 22µF ×2
PSM
FCM
20µs/DIV
ILOAD
2A/DIV
VOUT
50mV/DIV
4703 F01
Figure 1. Load Step Transient Response with and
without FCM
The FCM is disabled:
1) Under PVIN overvoltage conditions (PVIN pin is held
above 16V),
2) If VOUT is too high (the PGSET pin is held greater
than 537.5mV), and
3) During start-up until the voltage on VOUT has charged
up to 92.5% of its final value (as indicated when the
PGSET pin rises to above 462.5mV).
For the latter two conditions, it is assumed the PGSET pin
is connected to the output voltage through an appropriate
resistor. When FCM is disabled in these ways, the neg-
ative inductor current is not allowed, and the LTM4703
operates in PSM.
Pulse-Skipping Mode (PSM)
When not operating in FCM, the LTM4703 operates
in PSM. In this mode, the oscillator operates continu-
ously, and all switching cycles are aligned to the clock.
A negative inductor current is not allowed in this mode;
therefore, at light loads, the LTM4703 may be operat-
ing in discontinuous mode. Additionally, in PSM, the
LTM4703 may also skip switching cycles at very light
loads for improved efficiency, or at very high duty cycles
to achieve better dropout. To enable PSM, connect the
SYNC pin to GND.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com