Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 26 Page - Analog Devices

Part # LTM8024
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 22Page - Analog Devices LTM8024 Datasheet HTML 23Page - Analog Devices LTM8024 Datasheet HTML 24Page - Analog Devices LTM8024 Datasheet HTML 25Page - Analog Devices LTM8024 Datasheet HTML 26Page - Analog Devices LTM8024 Datasheet HTML 27Page - Analog Devices LTM8024 Datasheet HTML 28Page - Analog Devices LTM8024 Datasheet HTML 29Page - Analog Devices LTM8024 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTM4703
26
Rev. 0
For more information www.analog.com
Figure 13. 3-Phase 3.3V, 36A from 4.5V to 16VIN, 1MHz with Soft-Start, Fast Start-Up and Power Good
1µF
10Ω
105k
100nF
280k
220µF
×2
1µF
10Ω
137k
100nF
22µF
×3
280k
220µF
×2
22µF
×2
VIN
SVIN
RUN
COMPa
SET
RT
AGND
LTM4703
VOUT
VOSNS
PGSET
GND
CLKOUT
SYNC
PHMODE
INTVCC
fSW = 1MHz
VIN
SVIN
RUN
COMPa
SET
RT
AGND
LTM4703
VOUT
VOSNS
PGSET
GND
SYNC
CLKOUT
PHMODE
INTVCC
EXTERNAL
ENABLE
SIGNAL
VIN
4.5V TO 16V
VOUT
3.3V, 36A
CH1
CH2
CH2 AND CH3 ARE SYNCHRONIZED TO 1MHz VIA THE SYNC PIN. THE RT RESISTOR VALUE MUST SET INTERNAL
OSCILLATOR TO <0.8MHz (80% OF 1MHz).
COMPa PINS ARE CONNECTED TOGETHER.
PHMODE PIN FLOATS FOR 120°. PHASE SHIFT AT CLKOUT.
SET PINS CAN BE CONNECTED TOGETHER FOR 300µA CURRENT REFERENCE; THIS PROVIDES LOWER 1/f NOISE AND BETTER
CURRENT SHARING.
PG
PG
PINS NOT USED: COMPb, SW, TSENSE+, TSENSE–.
120°
120°
6.8nF
1k
1µF
10Ω
137k
100nF
1µF
11k
280k
220µF
×2
VIN
SVIN
RUN
COMPa
SET
RT
AGND
LTM4703
VOUT
VOSNS
PGSET
GND
SYNC
PHMODE
INTVCC
CH3
PG
4703 F13
100k
100k
100k
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com