Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 25 Page - Analog Devices

Part # LTM8024
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 25 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 21Page - Analog Devices LTM8024 Datasheet HTML 22Page - Analog Devices LTM8024 Datasheet HTML 23Page - Analog Devices LTM8024 Datasheet HTML 24Page - Analog Devices LTM8024 Datasheet HTML 25Page - Analog Devices LTM8024 Datasheet HTML 26Page - Analog Devices LTM8024 Datasheet HTML 27Page - Analog Devices LTM8024 Datasheet HTML 28Page - Analog Devices LTM8024 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LTM4703
25
Rev. 0
For more information www.analog.com
Figure 12. 2-Phase 1V, 24A from 3V to 16VIN, 1MHz with Soft-Start, Fast Start-Up and Power Good
1µF
1Ω
105k
100nF
49.9k
220µF
×2
1µF
1Ω
137k
100nF
22µF
×2
1µF
4.99k
49.9k
220µF
×2
22µF
×2
VIN
SVIN
RUN
COMPa
SET
RT
AGND
LTM4703
VOUT
VOSNS
PGSET
GND
CLKOUT
SYNC
PHMODE
INTVCC
fSW = 1MHz
VIN
SVIN
RUN
COMPa
SET
RT
AGND
LTM4703
VOUT
VOSNS
PGSET
GND
SYNC
PHMODE
INTVCC
EXTERNAL
ENABLE
SIGNAL
VIN
3V TO 16V
VOUT
1V, 24A
CH1
CH2
CH2 IS SYNCHRONIZED TO 1MHz VIA THE SYNC PIN. THE RT RESISTOR VALUE MUST SET INTERNAL OSCILLATOR TO <0.8MHz (80% OF 1MHz).
COMPa PINS ARE CONNECTED TOGETHER.
PHMODE CONNECTED TO GND FOR 180°. PHASE SHIFT AT CLKOUT.
SET PINS CAN BE CONNECTED TOGETHER FOR 200µA CURRENT REFERENCE; THIS PROVIDES LOWER 1/f NOISE AND BETTER
CURRENT SHARING.
PG
PG
PINS NOT USED: COMPb, SW, TSENSE+, TSENSE–.
4703 F12
180°
6.8nF
1k
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com