Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93C76CT-E/MS Datasheet(PDF) 20 Page - Microchip Technology

Part # 93C76CT-E/MS
Description  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C76CT-E/MS Datasheet(HTML) 20 Page - Microchip Technology

Back Button 93C76CT-E/MS Datasheet HTML 16Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 17Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 18Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 19Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 20Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 21Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 22Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 23Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
93XX46X/56X/66X/76X/86X
DS21929D-page 20
© 2007 Microchip Technology Inc.
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
TXXXXNNN
XXXXXXXX
YYWW
8-Lead PDIP
I/P
IL7
93LC46A
0528
Example: Pb-free
3-Wire 8-Lead PDIP Package Marking
Part
Line 1 Marking
Part
Line 1 Marking
Part
Line 1 Marking
93AA46A
93AA46A
93LC46A
93LC46A
93C46A
93C46A
93AA46B
93AA46B
93LC46B
93LC46B
93C46B
93C46B
93AA46C
93AA46C
93LC46C
93LC46C
93C46C
93C46C
93AA56A
93AA56A
93LC56A
93LC56A
93C56A
93C56A
93AA56B
93AA56B
93LC56B
93LC56B
93C56B
93C56B
93AA56C
93AA56C
93LC56C
93LC56C
93C56C
93C56C
93AA66A
93AA66A
93LC66A
93LC66A
93C66A
93C66A
93AA66B
93AA66B
93LC66B
93LC66B
93C66B
93C66B
93AA66C
93AA66C
93LC66C
93LC66C
93C66C
93C66C
93AA76A
93AA76A
93LC76A
93LC76A
93C76A
93C76A
93AA76B
93AA76B
93LC76B
93LC76B
93C76B
93C76B
93AA76C
93AA76C
93LC76C
93LC76C
93C76C
93C76C
93AA86A
93AA86A
93LC86A
93LC86A
93C86A
93C86A
93AA86B
93AA86B
93LC86B
93LC86B
93C86B
93C86B
93AA86C
93AA86C
93LC86C
93LC86C
93C86C
93C86C
Note:
Temperature range on second line.
3
e
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com