Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93C76CT-E/MS Datasheet(PDF) 12 Page - Microchip Technology

Part # 93C76CT-E/MS
Description  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C76CT-E/MS Datasheet(HTML) 12 Page - Microchip Technology

Back Button 93C76CT-E/MS Datasheet HTML 8Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 9Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 10Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 11Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 12Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 13Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 14Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 15Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
93XX46X/56X/66X/76X/86X
DS21929D-page 12
© 2007 Microchip Technology Inc.
3.5
ERASE ALL (ERAL)
The Erase All (ERAL) instruction will erase the entire
memory array to the logical ‘1’ state. The ERAL cycle
is identical to the Erase cycle, except for the different
opcode. The ERAL cycle is completely self-timed and
commences at the falling edge of the CS, except on
‘93CXX’ devices where the rising edge of CLK before
the last data bit initiates the write cycle. Clocking of the
CLK pin is not necessary after the device has entered
the ERAL cycle.
The DO pin indicates the Ready/Busy status of the
device, if CS is brought high after a minimum of 250 ns
low (TCSL).
VCC must be
≥ 4.5V for proper operation of ERAL.
FIGURE 3-3:
ERAL TIMING FOR 93AAXX AND 93LCXX DEVICES
FIGURE 3-4:
ERAL TIMING FOR 93CXX DEVICES
Note:
After the ERAL command is complete,
issuing a Start bit and then taking CS low
will clear the Ready/Busy status from DO.
CS
CLK
DI
DO
TCSL
Check Status
10
0
1
0
X
•••
X
TSV
TCZ
Busy
Ready
High-Z
TEC
High-Z
Vcc must be
≥ 4.5V for proper operation of ERAL.
CS
CLK
DI
DO
TCSL
Check Status
10
0
1
0
X
•••
X
TSV
TCZ
Busy
Ready
High-Z
TEC
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com