Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93C76CT-E/MS Datasheet(PDF) 16 Page - Microchip Technology

Part # 93C76CT-E/MS
Description  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C76CT-E/MS Datasheet(HTML) 16 Page - Microchip Technology

Back Button 93C76CT-E/MS Datasheet HTML 12Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 13Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 14Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 15Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 16Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 17Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 18Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 19Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
93XX46X/56X/66X/76X/86X
DS21929D-page 16
© 2007 Microchip Technology Inc.
3.9
WRITE ALL (WRAL)
The Write All (WRAL) instruction will write the entire
memory array with the data specified in the command.
For 93AAXX and 93LCXX devices, after the last data
bit is clocked into DI, the falling edge of CS initiates the
self-timed auto-erase and programming cycle. For
93CXX devices, the self-timed auto-erase and pro-
gramming cycle is initiated by the rising edge of CLK on
the last data bit. Clocking of the CLK pin is not neces-
sary after the device has entered the WRAL cycle. The
WRAL command does include an automatic ERAL
cycle for the device. Therefore, the WRAL instruction
does not require an ERAL instruction, but the chip must
be in the EWEN status.
The DO pin indicates the Ready/Busy status of the
device if CS is brought high after a minimum of 250 ns
low (TCSL).
VCC must be
≥ 4.5V for proper operation of WRAL.
FIGURE 3-10:
WRAL TIMING FOR 93AAXX AND 93LCXX DEVICES
FIGURE 3-11:
WRAL TIMING FOR 93CXX DEVICES
Note:
For devices with PE functionality such as
the 93XX76C or 93XX86C, the write
sequence requires a logic high signal on
the PE pin prior to the rising edge of clock
on the last data bit.
Note:
After the Write All cycle is complete,
issuing a Start bit and then taking CS low
will clear the Ready/Busy status from DO.
CS
CLK
DI
DO
HIGH-Z
1
0
0
01
X
•••
x
Dx
•••
D0
High-Z
Busy
Ready
TWL
VCC must be
≥ 4.5V for proper operation of WRAL.
TCSL
TSV
TCZ
CS
CLK
DI
DO
HIGH-Z
1
0
0
01
X
•••
x
Dx
•••
D0
High-Z
Busy
Ready
TWL
TCSL
TSV
TCZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com