Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93C76CT-E/MS Datasheet(PDF) 22 Page - Microchip Technology

Part # 93C76CT-E/MS
Description  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C76CT-E/MS Datasheet(HTML) 22 Page - Microchip Technology

Back Button 93C76CT-E/MS Datasheet HTML 18Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 19Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 20Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 21Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 22Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 23Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 24Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 25Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
93XX46X/56X/66X/76X/86X
DS21929D-page 22
© 2007 Microchip Technology Inc.
3-Wire 2x3 DFN Package Marking
Part
Industrial
Line 1
Marking
E-Temp
Line 1
Marking
Part
Industrial
Line 1
Marking
E-Temp
Line 1
Marking
Part
Industrial
Line 1
Marking
E-Temp
Line 1
Marking
93AA46A
301
302
93LC46A
304
305
93C46A
307
308
93AA46B
311
312
93LC46B
314
315
93C46B
317
318
93AA46C
321
322
93LC46C
324
325
93C46C
327
328
93AA56A
331
332
93LC56A
334
335
93C56A
337
338
93AA56B
341
342
93LC56B
344
345
93C56B
347
348
93AA56C
351
352
93LC56C
354
355
93C56C
357
358
93AA66A
361
362
93LC66A
364
365
93C66A
367
368
93AA66B
371
372
93LC66B
374
375
93C66B
377
378
93AA66C
381
382
93LC66C
384
385
93C66C
387
388
93AA76C
3B1
3B2
93LC76C
3B4
3B5
93C76C
3B7
3B8
93AA86C
3E1
3E2
93LC86C
3E4
3E5
93C86C
3E7
3E8
8-Lead 2x3 DFN
Example:
304
506
L7
XXX
YWW
NN
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com