Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93C76CT-E/MS Datasheet(PDF) 8 Page - Microchip Technology

Part # 93C76CT-E/MS
Description  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C76CT-E/MS Datasheet(HTML) 8 Page - Microchip Technology

Back Button 93C76CT-E/MS Datasheet HTML 4Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 5Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 6Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 7Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 8Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 9Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 10Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 11Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
93XX46X/56X/66X/76X/86X
DS21929D-page 8
© 2007 Microchip Technology Inc.
TABLE 2-5:
INSTRUCTION SET FOR 93XX66A/B/C
TABLE 2-6:
INSTRUCTION SET FOR 93XX76A/B/C
Instruction SB
Opcode
Address
Data In
Data Out
Req.
CLK
Cycles
93XX66B OR 93XX66C WITH ORG = 1
(16-BIT WORD ORGANIZATION)
ERASE
1
11
A7A6 A5A4A3 A2A1 A0
—
(RDY/BSY)11
ERAL
100
10
xx
xx
xx
—
(RDY/BSY)11
EWDS
100
00
xx
xx
xx
—High-Z
11
EWEN
100
11
xx
xx
xx
—High-Z
11
READ
1
10
A7A6 A5A4A3 A2A1 A0
—
D15-D0
27
WRITE
1
01
A7A6 A5A4A3 A2A1 A0
D15-D0
(RDY/BSY)27
WRAL
100
01
xx
xx
xx
D15-D0
(RDY/BSY)27
93XX66A OR 93XX66C WITH ORG = 0
(8-BIT WORD ORGANIZATION)
ERASE
1
11
A8 A7A6 A5A4A3 A2A1 A0
—
(RDY/BSY)12
ERAL
100
1
0
xx
xx
xx
x
—
(RDY/BSY)12
EWDS
100
0
0
xx
xx
xx
x
—High-Z
12
EWEN
100
1
1
xx
xx
xx
x
—High-Z
12
READ
1
10
A8 A7A6 A5A4A3 A2A1 A0
—
D7-D0
20
WRITE
1
01
A8 A7A6 A5A4A3 A2A1 A0
D7-D0
(RDY/BSY)20
WRAL
100
0
1
xx
xx
xx
x
D7-D0
(RDY/BSY)20
Instruction SB
Opcode
Address
Data In
Data Out
Req.
CLK
Cycles
93XX76B OR 93XX76C WITH ORG = 1
(16-BIT WORD ORGANIZATION)
ERASE
111
x
A8 A7 A6 A5 A4 A3 A2 A1 A0
—
(RDY/BSY)13
ERAL
100
1
0
xx
xx
xx
xx
—
(RDY/BSY)13
EWDS
100
0
0
xx
xx
xx
xx
—High-Z
13
EWEN
100
1
1
xx
xx
xx
xx
—High-Z
13
READ
110
x
A8 A7 A6 A5 A4 A3 A2 A1 A0
—
D15-D0
29
WRITE
101
x
A8 A7 A6 A5 A4 A3 A2 A1 A0
D15-D0
(RDY/BSY)29
WRAL
100
0
1
xx
xx
xx
xx
D15-D0
(RDY/BSY)29
93XX76A OR 93XX76C WITH ORG = 0
(8-BIT WORD ORGANIZATION)
ERASE
111
x
A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
—
(RDY/BSY)14
ERAL
100
1
0
x
x
xx
xx
xx
x
—
(RDY/BSY)14
EWDS
100
0
0
x
x
xx
xx
xx
x
—High-Z
14
EWEN
100
1
1
x
x
xx
xx
xx
x
—High-Z
14
READ
110
x
A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
—
D7-D0
22
WRITE
101
x
A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
D7-D0
(RDY/BSY)22
WRAL
100
0
1
x
x
xx
xx
xx
x
D7-D0
(RDY/BSY)22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com