Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93C76CT-E/MS Datasheet(PDF) 21 Page - Microchip Technology

Part # 93C76CT-E/MS
Description  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C76CT-E/MS Datasheet(HTML) 21 Page - Microchip Technology

Back Button 93C76CT-E/MS Datasheet HTML 17Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 18Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 19Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 20Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 21Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 22Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 23Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 24Page - Microchip Technology 93C76CT-E/MS Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
© 2007 Microchip Technology Inc.
DS21929D-page 21
93XX46X/56X/66X/76X/86X
8-Lead SOIC
XXXXYYWW
XXXXXXXT
NNN
Example: Pb-free
SN
0528
93LC46AI
1L7
3-Wire 8-Lead SOIC (SN) Package Marking
Part
Line 1 Marking
Part
Line 1 Marking
Part
Line 1 Marking
93AA46A
93AA46AT
93LC46A
93LC46AT
93C46A
93C46AT
93AA46B
93AA46BT
93LC46B
93LC46BT
93C46B
93C46BT
93AA46C
93AA46CT
93LC46C
93LC46CT
93C46C
93C46CT
93AA56A
93AA56AT
93LC56A
93LC56AT
93C56A
93C56AT
93AA56B
93AA56BT
93LC56B
93LC56BT
93C56B
93C56BT
93AA56C
93AA56CT
93LC56C
93LC56CT
93C56C
93C56CT
93AA66A
93AA66AT
93LC66A
93LC66AT
93C66A
93C66AT
93AA66B
93AA66BT
93LC66B
93LC66BT
93C66B
93C66BT
93AA66C
93AA66CT
93LC66C
93LC66CT
93C66C
93C66CT
93AA76A
93AA76AT
93LC76A
93LC76AT
93C76A
93C76AT
93AA76B
93AA76BT
93LC76B
93LC76BT
93C76B
93C76BT
93AA76C
93AA76CT
93LC76C
93LC76CT
93C76C
93C76CT
93AA86A
93AA86AT
93LC86A
93LC86AT
93C86A
93C86AT
93AA86B
93AA86BT
93LC86B
93LC86BT
93C86B
93C86BT
93AA86C
93AA86CT
93LC86C
93LC86CT
93C86C
93C86CT
Note:
T = Temperature Range: I = Industrial, E = Extended
3
e
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com