Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LT128HST Datasheet(PDF) 52 Page - STMicroelectronics

Part # M58LT128HST
Description  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HST Datasheet(HTML) 52 Page - STMicroelectronics

Back Button M58LT128HST Datasheet HTML 48Page - STMicroelectronics M58LT128HST Datasheet HTML 49Page - STMicroelectronics M58LT128HST Datasheet HTML 50Page - STMicroelectronics M58LT128HST Datasheet HTML 51Page - STMicroelectronics M58LT128HST Datasheet HTML 52Page - STMicroelectronics M58LT128HST Datasheet HTML 53Page - STMicroelectronics M58LT128HST Datasheet HTML 54Page - STMicroelectronics M58LT128HST Datasheet HTML 55Page - STMicroelectronics M58LT128HST Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 110 page
background image
Program and erase times and endurance cycles
M58LT128HST, M58LT128HSB
52/110
Erase
Parameter Block (16 Kword)
0.4
2.5
s
Main Block (64 Kword)
1
4
s
Program(3)
Single word
Word Program
10
170
µs
Buffer Enhanced
Factory Program(4)
2.5
µs
Buffer (32 words)
Buffer Program
80
µs
Buffer Enhanced
Factory Program
80
µs
Main Block (64
Kwords)
Buffer Program
160
ms
Buffer Enhanced
Factory Program
160
ms
Bank (8 Mbits)
Buffer Program
1.28
s
Buffer Enhanced
Factory Program
1.28
s
Program/Erase Cycles
(per Block)
Main Blocks
1000 cycles
Parameter Blocks
2500 cycles
Blank Check
Main Blocks
16
ms
Parameter Blocks
4
ms
1.
TA = –40 to 85°C; VDD = 1.7V to 2V; VDDQ = 2.7V to 3.6V.
2.
Values are liable to change with the external system-level overhead (command sequence and Status Register polling
execution).
3.
Excludes the time needed to execute the command sequence.
4.
This is an average value on the entire device.
Table 16.
Program/Erase times and endurance cycles(1) (2) (continued)
Parameter
Condition
Min
Typ
Typical after
100kW/E
Cycles
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com