Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LT128HST Datasheet(PDF) 92 Page - STMicroelectronics

Part # M58LT128HST
Description  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HST Datasheet(HTML) 92 Page - STMicroelectronics

Back Button M58LT128HST Datasheet HTML 88Page - STMicroelectronics M58LT128HST Datasheet HTML 89Page - STMicroelectronics M58LT128HST Datasheet HTML 90Page - STMicroelectronics M58LT128HST Datasheet HTML 91Page - STMicroelectronics M58LT128HST Datasheet HTML 92Page - STMicroelectronics M58LT128HST Datasheet HTML 93Page - STMicroelectronics M58LT128HST Datasheet HTML 94Page - STMicroelectronics M58LT128HST Datasheet HTML 95Page - STMicroelectronics M58LT128HST Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 110 page
background image
Flowcharts and pseudo codes
M58LT128HST, M58LT128HSB
92/110
Figure 20. Blank Check flowchart and pseudo code
1.
Any address within the bank can equally be used.
2.
If an error is found, the Status Register must be cleared before further Program/Erase operations.
Write Block
Address & BCh
Start
SR7 = 1
Write Block
Address & CBh
Read
Status Register (1)
SR4 = 1
SR5 = 1
SR5 = 0
NO
YES
Command Sequence
Error (2)
YES
Blank Check Error (2)
NO
End
blank_check_command (blockToCheck) {
writeToFlash (blockToCheck, 0xBC);
writeToFlash (blockToCheck, 0xCB);
/* Memory enters read status state after
the Blank Check Command */
do {
status_register = readFlash (blockToCheck);
/* see note (1) */
/* E or G must be toggled */
} while (status_register.SR7==0);
if (status_register.SR4==1) && (status_register.SR5==1)
/* command sequence error */
error_handler () ;
if (status_register.SR5==1)
/* Blank Check error */
error_handler () ;
}
ai10520c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com