Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LT128HST Datasheet(PDF) 95 Page - STMicroelectronics

Part # M58LT128HST
Description  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HST Datasheet(HTML) 95 Page - STMicroelectronics

Back Button M58LT128HST Datasheet HTML 91Page - STMicroelectronics M58LT128HST Datasheet HTML 92Page - STMicroelectronics M58LT128HST Datasheet HTML 93Page - STMicroelectronics M58LT128HST Datasheet HTML 94Page - STMicroelectronics M58LT128HST Datasheet HTML 95Page - STMicroelectronics M58LT128HST Datasheet HTML 96Page - STMicroelectronics M58LT128HST Datasheet HTML 97Page - STMicroelectronics M58LT128HST Datasheet HTML 98Page - STMicroelectronics M58LT128HST Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 110 page
background image
M58LT128HST, M58LT128HSB
Flowcharts and pseudo codes
95/110
Figure 23.
Block Erase flowchart and pseudo code
1.
If an error is found, the Status Register must be cleared before further Program/Erase operations.
2.
Any address within the bank can equally be used.
Write 20h (2)
AI10976
Start
Write Block
Address & D0h
Read Status
Register (2)
YES
NO
SR7 = 1
YES
NO
SR3 = 0
YES
SR4, SR5 = 1
VPP Invalid
Error (1)
Command
Sequence Error (1)
NO
NO
SR5 = 0
Erase Error (1)
End
YES
NO
SR1 = 0
Erase to Protected
Block Error (1)
YES
erase_command ( blockToErase ) {
writeToFlash (blockToErase, 0x20) ;
/*see note (2) */
writeToFlash (blockToErase, 0xD0) ;
/* Memory enters read status state after
the Erase Command */
} while (status_register.SR7== 0) ;
do {
status_register=readFlash (blockToErase) ;
/* see note (2) */
/* E or G must be toggled*/
if (status_register.SR3==1) /*VPP invalid error */
error_handler ( ) ;
if ( (status_register.SR4==1) && (status_register.SR5==1) )
/* command sequence error */
error_handler ( ) ;
if (status_register.SR1==1) /*program to protect block error */
error_handler ( ) ;
if ( (status_register.SR5==1) )
/* erase error */
error_handler ( ) ;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com