Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LT128HST Datasheet(PDF) 56 Page - STMicroelectronics

Part # M58LT128HST
Description  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HST Datasheet(HTML) 56 Page - STMicroelectronics

Back Button M58LT128HST Datasheet HTML 52Page - STMicroelectronics M58LT128HST Datasheet HTML 53Page - STMicroelectronics M58LT128HST Datasheet HTML 54Page - STMicroelectronics M58LT128HST Datasheet HTML 55Page - STMicroelectronics M58LT128HST Datasheet HTML 56Page - STMicroelectronics M58LT128HST Datasheet HTML 57Page - STMicroelectronics M58LT128HST Datasheet HTML 58Page - STMicroelectronics M58LT128HST Datasheet HTML 59Page - STMicroelectronics M58LT128HST Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 110 page
background image
DC and AC parameters
M58LT128HST, M58LT128HSB
56/110
Table 20.
DC characteristics - currents
Symbol
Parameter
Test Condition
Typ
Max
Unit
ILI
Input leakage current
0V
≤V
IN ≤VDDQ
±1
µA
ILO
Output leakage current
0V
≤V
OUT ≤VDDQ
±1
µA
IDD1
Supply current
Asynchronous Read (f=5 MHz)
E = VIL, G = VIH
14
16
mA
Supply current
Synchronous Read (f = 40 MHz)
4 word
13
17
mA
8 word
15
19
mA
16 word
17
21
mA
Continuous
21
26
mA
Supply current
Synchronous Read (f = 52 MHz)
4 word
16
19
mA
8 word
19
23
mA
16 word
22
26
mA
Continuous
23
28
mA
IDD2
Supply current (Reset)
RP = VSS ± 0.2V
25
75
µA
IDD3
Supply current (Standby)
E = VDDQ ± 0.2V
K=VSS
25
75
µA
IDD4
Supply current (Automatic
Standby)
E = VIL, G = VIH
25
75
µA
IDD5
(1)
1.
Sampled only, not 100% tested.
Supply current (Program)
VPP = VPPH
820
mA
VPP = VDD
10
25
mA
Supply current (Erase)
VPP = VPPH
820
mA
VPP = VDD
10
25
mA
IDD6
(1),(2)
2.
VDD Dual Operation current is the sum of read and program or erase currents.
Supply current
(Dual operations)
Program/Erase in one Bank,
Asynchronous Read in another
Bank
24
41
mA
Program/Erase in one Bank,
Synchronous Read (Continuous
f=52 MHz) in another Bank
33
53
mA
IDD7
(1)
Supply current Program/ Erase
Suspended (Standby)
E = VDDQ ± 0.2V
K=VSS
25
75
µA
IPP1
(1)
VPP supply current (Program)
VPP = VPPH
25
mA
VPP = VDD
0.2
5
µA
VPP supply current (Erase)
VPP = VPPH
25
mA
VPP = VDD
0.2
5
µA
IPP2
VPP supply current (Read)
VPP ≤VDD
0.2
5
µA
IPP3
(1)
VPP supply current (Standby)
VPP ≤VDD
0.2
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com