Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LT128HST Datasheet(PDF) 104 Page - STMicroelectronics

Part # M58LT128HST
Description  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HST Datasheet(HTML) 104 Page - STMicroelectronics

Back Button M58LT128HST Datasheet HTML 100Page - STMicroelectronics M58LT128HST Datasheet HTML 101Page - STMicroelectronics M58LT128HST Datasheet HTML 102Page - STMicroelectronics M58LT128HST Datasheet HTML 103Page - STMicroelectronics M58LT128HST Datasheet HTML 104Page - STMicroelectronics M58LT128HST Datasheet HTML 105Page - STMicroelectronics M58LT128HST Datasheet HTML 106Page - STMicroelectronics M58LT128HST Datasheet HTML 107Page - STMicroelectronics M58LT128HST Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 110 page
background image
Command interface state tables
M58LT128HST, M58LT128HSB
104/110
OTP Busy
Array
Status Register
Output Unchanged
Status
Register
Output
Unchang
ed
Status
Register
Ready
Electronic
Signature/
CFI
Program Busy
Erase Busy
Buffer Program
Busy
Program/Erase
Suspend
Buffer Program
Suspend
Program Busy in
Erase Suspend
Buffer Program
Busy in Erase
Suspend
Program Suspend
in Erase Suspend
Buffer Program
Suspend in Erase
Suspend
Blank Check busy
Illegal State
Output Unchanged
1.
The output state shows the type of data that appears at the outputs if the bank address is the same as the command
address. A bank can be placed in Read Array, Read Status Register, Read Electronic Signature or Read CFI mode,
depending on the command issued. Each bank remains in its last output state until a new command is issued to that bank.
The next state does not depend on the bank output state.
2.
CI = Command Interface, CR = Configuration Register, BEFP = Buffer Enhanced Factory Program, P/E. C. =
Program/Erase Controller.
3.
At Power-Up, all banks are in Read Array mode. Issuing a Read Array command to a busy bank, results in undetermined
data output.
4.
The two cycle command should be issued to the same bank address.
5.
If the P/E.C. is active, both cycles are ignored.
Table 42.
Command Interface states - modify table, next output state(1) (2) (continued)
Current CI State
Command Input
Read
Array
(3)
(FFh)
Program
Setup(4)
(5)
(10/40h)
Buffer
Program
(E8h)
Block
Erase,
Setup(4)
(5)
(20h)
BEFP
Setup
(80h)
Blank
Check
setup
(BCh)
Erase Confirm
P/E Resume,
Block
Unprotect
confirm, BEFP
Confirm(4)(5)
(D0h)
Blank
Check
confirm
(CBh)
Program/
Erase
Suspend
(B0h)
Read
Status
Register
(70h)
Clear
Status
Register
(50h)
Read
Electronic
signature,
Read CFI
Query
(90h, 98h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com