Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F448-E/SPQTP Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC18F448-E/SPQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F448-E/SPQTP Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC18F448-E/SPQTP Datasheet HTML 31Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 32Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 33Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 34Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 35Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 36Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 37Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 38Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 33
PIC18FXX8
TRISE
PIC18F2X8 PIC18F4X8
0000 -111
0000 -111
uuuu -uuu
TRISD
PIC18F2X8 PIC18F4X8
1111 1111
1111 1111
uuuu uuuu
TRISC
PIC18F2X8 PIC18F4X8
1111 1111
1111 1111
uuuu uuuu
TRISB
PIC18F2X8 PIC18F4X8
1111 1111
1111 1111
uuuu uuuu
TRISA(5)
PIC18F2X8 PIC18F4X8
-111 1111(5)
-111 1111(5)
-uuu uuuu(5)
LATE
PIC18F2X8 PIC18F4X8
---- -xxx
---- -uuu
---- -uuu
LATD
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATC
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATB
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATA(5)
PIC18F2X8 PIC18F4X8
-xxx xxxx(5)
-uuu uuuu(5)
-uuu uuuu(5)
PORTE
PIC18F2X8 PIC18F4X8
---- -xxx
---- -000
---- -uuu
PORTD
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTB
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA(5)
PIC18F2X8 PIC18F4X8
-x0x 0000
(
5)
-u0u 0000(5)
-uuu uuuu(5)
TXERRCNT
PIC18F2X8 PIC18F4X8
0000 0000
0000 0000
uuuu uuuu
RXERRCNT
PIC18F2X8 PIC18F4X8
0000 0000
0000 0000
uuuu uuuu
COMSTAT
PIC18F2X8 PIC18F4X8
0000 0000
0000 0000
uuuu uuuu
CIOCON
PIC18F2X8 PIC18F4X8
--00 ----
--00 ----
--uu ----
BRGCON3
PIC18F2X8 PIC18F4X8
-0-- -000
-0-- -000
-u-- -uuu
BRGCON2
PIC18F2X8 PIC18F4X8
0000 0000
0000 0000
uuuu uuuu
BRGCON1
PIC18F2X8 PIC18F4X8
0000 0000
0000 0000
uuuu uuuu
CANCON
PIC18F2X8 PIC18F4X8
xxxx xxx-
uuuu uuu-
uuuu uuu-
CANSTAT(6)
PIC18F2X8 PIC18F4X8
xxx- xxx-
uuu- uuu-
uuu- uuu-
RXB0D7
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D6
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D5
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D4
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D3
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D2
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D1
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D0
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Reset
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the
interrupt vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 3-2 for Reset value for specific condition.
5:
Bit 6 of PORTA, LATA and TRISA are enabled in ECIO and RCIO Oscillator modes only. In all other
oscillator modes, they are disabled and read ‘0’.
6:
Values for CANSTAT also apply to its other instances (CANSTATRO1 through CANSTATRO4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com