Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F448-E/SPQTP Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC18F448-E/SPQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F448-E/SPQTP Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC18F448-E/SPQTP Datasheet HTML 48Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 49Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 50Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 51Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 52Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 53Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 54Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 55Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 402 page
background image
PIC18FXX8
DS41159E-page 50
© 2006 Microchip Technology Inc.
TMR1H
Timer1 Register High Byte
xxxx xxxx
31, 116
TMR1L
Timer1 Register Low Byte
xxxx xxxx
31, 116
T1CON
RD16
—
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0-00 0000
31, 113
TMR2
Timer2 Register
0000 0000
31, 118
PR2
Timer2 Period Register
1111 1111
31, 118
T2CON
—
TOUTPS3
TOUTPS2
TOUTPS1
TOUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
31, 117
SSPBUF
SSP Receive Buffer/Transmit Register
xxxx xxxx
31, 146
SSPADD
SSP Address Register in I2C™ Slave mode. SSP Baud Rate Reload Register in I2C Master mode.
0000 0000
31, 152
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
31, 144,
153
SSPCON1
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
31, 145,
145
SSPCON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000
31, 155
ADRESH
A/D Result Register High Byte
xxxx xxxx
31, 243
ADRESL
A/D Result Register Low Byte
xxxx xxxx
31, 243
ADCON0
ADCS1
ADCS0
CHS2
CHS1
CHS0
GO/DONE
—ADON
0000 00-0
31, 241
ADCON1
ADFM
ADCS2
—
—
PCFG3
PCFG2
PCFG1
PCFG0
00-- 0000
32, 242
CCPR1H
Capture/Compare/PWM Register 1 High Byte
xxxx xxxx
32, 124
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
xxxx xxxx
32, 124
CCP1CON
—
—
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
--00 0000
32, 123
ECCPR1H(1)
Enhanced Capture/Compare/PWM Register 1 High Byte
xxxx xxxx
32, 133
ECCPR1L(1)
Enhanced Capture/Compare/PWM Register 1 Low Byte
xxxx xxxx
32, 133
ECCP1CON(1)
EPWM1M1
EPWM1M0
EDC1B1
EDC1B0
ECCP1M3
ECCP1M2
ECCP1M1
ECCP1M0 0000 0000
32, 131
ECCP1DEL(1)
EPDC7
EPDC6
EPDC5
EPDC4
EPDC3
EPDC2
EPDC1
EPDC0
0000 0000
32, 140
ECCPAS(1)
ECCPASE
ECCPAS2
ECCPAS1
ECCPAS0
PSSAC1
PSSAC0
PSSBD1
PSSBD0
0000 0000
32, 142
CVRCON(1)
CVREN
CVROE
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
0000 0000
32, 255
CMCON(1)
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0000
32, 249
TMR3H
Timer3 Register High Byte
xxxx xxxx
32, 121
TMR3L
Timer3 Register Low Byte
xxxx xxxx
32, 121
T3CON
RD16
T3ECCP1
T3CKPS1
T3CKPS0
T3CCP1
T3SYNC
TMR3CS
TMR3ON
0000 0000
32, 119
SPBRG
USART Baud Rate Generator
0000 0000
32, 185
RCREG
USART Receive Register
0000 0000
32, 191
TXREG
USART Transmit Register
0000 0000
32, 189
TXSTA
CSRC
TX9
TXEN
SYNC
—
BRGH
TRMT
TX9D
0000 -010
32, 183
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
32, 184
EEADR
EEPROM Address Register
xxxx xxxx
32, 59
EEDATA
EEPROM Data Register
xxxx xxxx
32, 59
EECON2
EEPROM Control Register 2 (not a physical register)
xxxx xxxx
32, 59
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
xx-0 x000
32, 60, 67
IPR3
IRXIP
WAKIP
ERRIP
TXB2IP
TXB1IP
TXB0IP
RXB1IP
RXB0IP
1111 1111
32, 90
PIR3
IRXIF
WAKIF
ERRIF
TXB2IF
TXB1IF
TXB0IF
RXB1IF
RXB0IF
0000 0000
32, 84
PIE3
IRXIE
WAKIE
ERRIE
TXB2IE
TXB1IE
TXB0IE
RXB1IE
RXB0IE
0000 0000
32, 87
IPR2
—CMIP
—
EEIP
BCLIP
LVDIP
TMR3IP
ECCP1IP(1) -1-1 1111
32, 89
PIR2
—CMIF
—
EEIF
BCLIF
LVDIF
TMR3IF
ECCP1IF(1) -0-0 0000
32, 83
PIE2
—CMIE
—
EEIE
BCLIE
LVDIE
TMR3IE
ECCP1IE(1) -0-0 0000
32, 86
TABLE 4-2:
REGISTER FILE SUMMARY (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details on
Page:
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note
1:
These registers or register bits are not implemented on the PIC18F248 and PIC18F258 and read as ‘0’s.
2:
Bit 21 of the TBLPTRU allows access to the device configuration bits.
3:
RA6 and associated bits are configured as port pins in RCIO and ECIO Oscillator mode only and read ‘0’ in all other oscillator modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com