Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F448-E/SPQTP Datasheet(PDF) 62 Page - Microchip Technology

Part # PIC18F448-E/SPQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F448-E/SPQTP Datasheet(HTML) 62 Page - Microchip Technology

Back Button PIC18F448-E/SPQTP Datasheet HTML 58Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 59Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 60Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 61Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 62Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 63Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 64Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 65Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 402 page
background image
PIC18FXX8
DS41159E-page 60
© 2006 Microchip Technology Inc.
REGISTER 5-1:
EECON1: EEPROM CONTROL REGISTER 1
R/W-x
R/W-x
U-0
R/W-0
R/W-x
R/W-0
R/S-0
R/S-0
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
bit 7
bit 0
bit 7
EEPGD: Flash Program or Data EEPROM Memory Select bit
1
= Access program Flash memory
0
= Access data EEPROM memory
bit 6
CFGS: Flash Program/Data EE or Configuration Select bit
1
= Access Configuration registers
0
= Access program Flash or data EEPROM memory
bit 5
Unimplemented: Read as ‘0’
bit 4
FREE: Flash Row Erase Enable bit
1
= Erase the program memory row addressed by TBLPTR on the next WR command
(reset by hardware)
0
= Perform write only
bit 3
WRERR: Write Error Flag bit
1
= A write operation is prematurely terminated
(any MCLR or any WDT Reset during self-timed programming in normal operation)
0
= The write operation completed
Note:
When a WRERR occurs, the EEPGD or FREE bits are not cleared. This allows
tracing of the error condition.
bit 2
WREN: Write Enable bit
1
= Allows write cycles
0
= Inhibits write to the EEPROM or Flash memory
bit 1
WR: Write Control bit
1
= Initiates a data EEPROM erase/write cycle or a program memory erase cycle or write cycle
(The operation is self-timed and the bit is cleared by hardware once write is complete. The
WR bit can only be set (not cleared) in software.)
0
= Write cycle is complete
bit 0
RD: Read Control bit
1
= Initiates an EEPROM read
(Read takes one cycle. RD is cleared in hardware. The RD bit can only be set (not cleared)
in software. RD bit cannot be set when EEPGD = 1.)
0
= Does not initiate an EEPROM read
Legend:
R = Readable bit
W = Writable bit
S = Settable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com