Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F448-E/SPQTP Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC18F448-E/SPQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F448-E/SPQTP Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC18F448-E/SPQTP Datasheet HTML 91Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 92Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 93Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 94Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 95Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 96Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 97Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 98Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 93
PIC18FXX8
9.0
I/O PORTS
Depending on the device selected, there are up to five
general purpose I/O ports available on PIC18FXX8
devices. Some pins of the I/O ports are multiplexed
with an alternate function from the peripheral features
on the device. In general, when a peripheral is enabled,
that pin may not be used as a general purpose I/O pin.
Each port has three registers for its operation:
• TRIS register (Data Direction register)
• PORT register (reads the levels on the pins of the
device)
• LAT register (output latch)
The data latch (LAT register) is useful for read-modify-
write operations on the value that the I/O pins are
driving.
9.1
PORTA, TRISA and LATA
Registers
PORTA is a 7-bit wide, bidirectional port. The corre-
sponding Data Direction register is TRISA. Setting a
TRISA bit (= 1) will make the corresponding PORTA pin
an input (i.e., put the corresponding output driver in a
high-impedance mode). Clearing a TRISA bit (= 0) will
make the corresponding PORTA pin an output (i.e., put
the contents of the output latch on the selected pin). On
a Power-on Reset, these pins are configured as inputs
and read as ‘0’.
Reading the PORTA register reads the status of the
pins, whereas writing to it will write to the port latch.
Read-modify-write operations on the LATA register
read and write the latched output value for PORTA.
The RA4 pin is multiplexed with the Timer0 module
clock input to become the RA4/T0CKI pin. The RA4/
T0CKI pin is a Schmitt Trigger input and an open-drain
output. All other RA port pins have TTL input levels and
full CMOS output drivers.
The other PORTA pins are multiplexed with analog
inputs and the analog VREF+ and VREF- inputs. The
operation of each pin is selected by clearing/setting the
control bits in the ADCON1 register (A/D Control
Register 1). On a Power-on Reset, these pins are
configured as analog inputs and read as ‘0’.
The TRISA register controls the direction of the RA
pins, even when they are being used as analog inputs.
The user must ensure the bits in the TRISA register are
maintained set, when using them as analog inputs.
EXAMPLE 9-1:
INITIALIZING PORTA
Note:
On a Power-on Reset, RA5 and RA3:RA0
are configured as analog inputs and read
as ‘0’. RA6 and RA4 are configured as
digital inputs.
CLRF
PORTA
; Initialize PORTA by
; clearing output data latches
CLRF
LATA
; Alternate method to clear
; output data latches
MOVLW
07h
; Configure A/D
MOVWF
ADCON1 ; for digital inputs
MOVLW
0CFh
; Value used to initialize
; data direction
MOVWF
TRISA
; Set RA3:RA0 as inputs,
; RA5:RA4 as outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com