Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F448-E/SPQTP Datasheet(PDF) 36 Page - Microchip Technology

Part # PIC18F448-E/SPQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F448-E/SPQTP Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC18F448-E/SPQTP Datasheet HTML 32Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 33Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 34Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 35Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 36Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 37Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 38Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 39Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 402 page
background image
PIC18FXX8
DS41159E-page 34
© 2006 Microchip Technology Inc.
RXB0DLC
PIC18F2X8 PIC18F4X8
-xxx xxxx
-uuu uuuu
-uuu uuuu
RXB0EIDL
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0EIDH
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0SIDL
PIC18F2X8 PIC18F4X8
xxxx x-xx
uuuu u-uu
uuuu u-uu
RXB0SIDH
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0CON
PIC18F2X8 PIC18F4X8
000- 0000
000- 0000
uuu- uuuu
RXB1D7
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1D6
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1D5
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1D4
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1D3
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1D2
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1D1
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1D0
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1DLC
PIC18F2X8 PIC18F4X8
-xxx xxxx
-uuu uuuu
-uuu uuuu
RXB1EIDL
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1EIDH
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1SIDL
PIC18F2X8 PIC18F4X8
xxxx x-xx
uuuu u-uu
uuuu u-uu
RXB1SIDH
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1CON
PIC18F2X8 PIC18F4X8
000- 0000
000- 0000
uuu- uuuu
TXB0D7
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0D6
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0D5
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0D4
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0D3
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0D2
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0D1
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0D0
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0DLC
PIC18F2X8 PIC18F4X8
-x-- xxxx
-u-- uuuu
-u-- uuuu
TXB0EIDL
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0EIDH
PIC18F2X8 PIC18F4X8
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0SIDL
PIC18F2X8 PIC18F4X8
xxx- x-xx
uuu- u-uu
uuu- u-uu
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Reset
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the
interrupt vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 3-2 for Reset value for specific condition.
5:
Bit 6 of PORTA, LATA and TRISA are enabled in ECIO and RCIO Oscillator modes only. In all other
oscillator modes, they are disabled and read ‘0’.
6:
Values for CANSTAT also apply to its other instances (CANSTATRO1 through CANSTATRO4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com