Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F448-E/SPQTP Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC18F448-E/SPQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F448-E/SPQTP Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC18F448-E/SPQTP Datasheet HTML 82Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 83Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 84Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 85Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 86Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 87Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 88Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 89Page - Microchip Technology PIC18F448-E/SPQTP Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 402 page
background image
PIC18FXX8
DS41159E-page 84
© 2006 Microchip Technology Inc.
REGISTER 8-6:
PIR3: PERIPHERAL INTERRUPT REQUEST (FLAG) REGISTER 3
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IRXIF
WAKIF
ERRIF
TXB2IF
TXB1IF
TXB0IF
RXB1IF
RXB0IF
bit 7
bit 0
bit 7
IRXIF: Invalid Message Received Interrupt Flag bit
1
= An invalid message has occurred on the CAN bus
0
= An invalid message has not occurred on the CAN bus
bit 6
WAKIF: Bus Activity Wake-up Interrupt Flag bit
1
= Activity on the CAN bus has occurred
0
= Activity on the CAN bus has not occurred
bit 5
ERRIF: CAN bus Error Interrupt Flag bit
1
= An error has occurred in the CAN module (multiple sources)
0
= An error has not occurred in the CAN module
bit 4
TXB2IF: Transmit Buffer 2 Interrupt Flag bit
1
= Transmit Buffer 2 has completed transmission of a message and may be reloaded
0
= Transmit Buffer 2 has not completed transmission of a message
bit 3
TXB1IF: Transmit Buffer 1 Interrupt Flag bit
1
= Transmit Buffer 1 has completed transmission of a message and may be reloaded
0
= Transmit Buffer 1 has not completed transmission of a message
bit 2
TXB0IF: Transmit Buffer 0 Interrupt Flag bit
1
= Transmit Buffer 0 has completed transmission of a message and may be reloaded
0
= Transmit Buffer 0 has not completed transmission of a message
bit 1
RXB1IF: Receive Buffer 1 Interrupt Flag bit
1
= Receive Buffer 1 has received a new message
0
= Receive Buffer 1 has not received a new message
bit 0
RXB0IF: Receive Buffer 0 Interrupt Flag bit
1
= Receive Buffer 0 has received a new message
0
= Receive Buffer 0 has not received a new message
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com