Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4525 Datasheet(PDF) 71 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 71 Page - Cirrus Logic

Back Button CS4525_07 Datasheet HTML 67Page - Cirrus Logic CS4525_07 Datasheet HTML 68Page - Cirrus Logic CS4525_07 Datasheet HTML 69Page - Cirrus Logic CS4525_07 Datasheet HTML 70Page - Cirrus Logic CS4525_07 Datasheet HTML 71Page - Cirrus Logic CS4525_07 Datasheet HTML 72Page - Cirrus Logic CS4525_07 Datasheet HTML 73Page - Cirrus Logic CS4525_07 Datasheet HTML 74Page - Cirrus Logic CS4525_07 Datasheet HTML 75Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 98 page
background image
DS726PP1
71
CS4525
9.2
Input Configuration (Address 02h)
9.2.1
Input Source Selection (ADC/SP)
Default = 0
Function:
This bit selects the audio input source.
9.2.2
ADC High-Pass Filter Enable (EnAnHPF)
Default = 1
Function:
Controls the operation of the ADC high-pass filter.
9.2.3
Serial Port Sample Rate (SPRate[1:0]) - Read Only
Function:
Identifies the sample rate of the incoming LRCK signal on the serial audio input port based on the setting
of the ClkFreq[1:0] bits in Register 01h, the frequency of the internal system clock, and the frequency of
the input LRCK signal.
9.2.4
Input Serial Port Digital Interface Format (DIF [2:0])
Default = 000
Function:
Selects the serial audio interface format used for the data in on SDIN. The required relationship between
the Left/Right clock, serial clock and serial data is defined by the Digital Interface Format and the options
are detailed in the section “Serial Audio Interfaces” on page 62.
7
6
5
432
10
ADC/SP
EnAnHPF
Reserved
SPRate1
SPRate0
DIF2
DIF1
DIF0
ADC/SP Setting
Audio Input Source
0 ..........................................Digital input from the serial audio input port.
1 ..........................................Analog input from the internal ADC.
EnAnHPF Setting
ADC High-Pass Filter State
0 ..........................................ADC high-pass filter disabled.
1 ..........................................ADC high-pass filter enabled.
SPRate[1:0] Setting
Identified Input Sample Rate
00 ........................................32 kHz
01 ........................................44.1 kHz
10 ........................................48 kHz
11.........................................96 kHz
DIF[2:0] Setting
Input Serial Port Serial Audio Interface Format
000 ......................................Left-Justified, up to 24-bit data.
001 ......................................I²S, up to 24-bit data.
010 ......................................Right-Justified, 24-bit data.
011.......................................Right-Justified, 20-bit data.
100 ......................................Right-Justified, 18-bit data.
101 ......................................Right-Justified, 16-bit data.
110.......................................Reserved.
111 .......................................Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com