Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4525 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS4525_07 Datasheet HTML 27Page - Cirrus Logic CS4525_07 Datasheet HTML 28Page - Cirrus Logic CS4525_07 Datasheet HTML 29Page - Cirrus Logic CS4525_07 Datasheet HTML 30Page - Cirrus Logic CS4525_07 Datasheet HTML 31Page - Cirrus Logic CS4525_07 Datasheet HTML 32Page - Cirrus Logic CS4525_07 Datasheet HTML 33Page - Cirrus Logic CS4525_07 Datasheet HTML 34Page - Cirrus Logic CS4525_07 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 98 page
background image
DS726PP1
31
CS4525
6.1.4.4
De-Emphasis
The CS4525 includes an on-chip digital de-emphasis filter optimized for a sample rate of 44.1 kHz to ac-
commodate audio recordings that utilize 50/15
μs pre-emphasis equalization as a means of noise reduc-
tion. The filter response is shown in Figure 15. The de-emphasis filter is enabled and disabled by the
DeEmph bit in the Tone Config register.
6.1.4.5
Tone Control
The CS4525 implements configurable bass and treble shelving filters to easily accommodate system tone
control requirements. Each shelving filter has 4 selectable corner frequencies, and provides a cut/boost
range from -10.5 dB to +12.0 dB in 1.5 dB increments. The tone control is enabled by the EnToneCtrl bit
in the Tone Config register.
Each tone control is implemented with one of two preset internal filter sets. One set is optimized for a
32 kHz sample rate, and the other is optimized for 44.1 kHz, 48 kHz, and 96 kHz sample rates. The
CS4525 automatically detects the input sample rate and chooses the appropriate filter set to apply. The
available corner frequencies are shown in tables 2 and 3 below and are configured with the BassFc[1:0]
and TrebFc[1:0] bits in the Tone Config register.
Note that the corner frequency of each filter set scales linearly with the input sample rate.
When the internal ADC is used as the serial audio data source, the input sample rate is nominally 48 kHz
and the corresponding shelving frequency corners are available.
Referenced Control
Register Location
DeEmph .............................. “De-Emphasis Control (DeEmph)” on page 76
Input Sample Rate
Bass Fc 0
Bass Fc 1
Bass Fc 2
Bass Fc 3
32 kHz
50 Hz
100 Hz
200 Hz
250 Hz
44.1 kHz
48Hz
96Hz
192 Hz
240Hz
48 kHz, 96 kHz
52 Hz
104 Hz
208 Hz
260 Hz
Table 2. Bass Shelving Filter Corner Frequencies
T2 = 15 µs
T1=50 µs
0.07218 Fs
F1
F2
0 dB
-10 dB
0.24059 Fs
32 kHz, 44.1 kHz, 48 kHz
96 kHz
0.03609 Fs
0.12030 Fs
Normalized to Fs
Frequency (Hz)
Gain (dB)
Nominal Sample Rate
Figure 15. De-Emphasis Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com