Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4525 Datasheet(PDF) 94 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 94 Page - Cirrus Logic

Back Button CS4525_07 Datasheet HTML 90Page - Cirrus Logic CS4525_07 Datasheet HTML 91Page - Cirrus Logic CS4525_07 Datasheet HTML 92Page - Cirrus Logic CS4525_07 Datasheet HTML 93Page - Cirrus Logic CS4525_07 Datasheet HTML 94Page - Cirrus Logic CS4525_07 Datasheet HTML 95Page - Cirrus Logic CS4525_07 Datasheet HTML 96Page - Cirrus Logic CS4525_07 Datasheet HTML 97Page - Cirrus Logic CS4525_07 Datasheet HTML 98Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 94 / 98 page
background image
94
DS726PP1
CS4525
9.23 Device I.D. and Revision (Address 63h) - Read Only
9.23.1 Device Identification (DeviceID[4:0])
Default =11111
Function:
Identification code for the CS4525.
9.23.2 Device Revision (RevID[2:0])
Function:
Identifies the CS4525 device revision.
76
543
21
0
DeviceID4
DeviceID3
DeviceID2
DeviceID1
DeviceID0
RevID2
RevID1
RevID0
DeviceID[4:0] Setting
Device ID Notes
11111....................................Permanent device identification code.
RevID[2:0] Setting
Device Revision
000 ......................................Revision A0 and B0.
010 ......................................Revision C0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com