Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4525 Datasheet(PDF) 79 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 79 Page - Cirrus Logic

Back Button CS4525_07 Datasheet HTML 75Page - Cirrus Logic CS4525_07 Datasheet HTML 76Page - Cirrus Logic CS4525_07 Datasheet HTML 77Page - Cirrus Logic CS4525_07 Datasheet HTML 78Page - Cirrus Logic CS4525_07 Datasheet HTML 79Page - Cirrus Logic CS4525_07 Datasheet HTML 80Page - Cirrus Logic CS4525_07 Datasheet HTML 81Page - Cirrus Logic CS4525_07 Datasheet HTML 82Page - Cirrus Logic CS4525_07 Datasheet HTML 83Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 98 page
background image
DS726PP1
79
CS4525
9.9.2
Hi-Z PWM_SIG Outputs (HiZPSig)
Default = 0
Function:
When cleared, the PWM_SIG1 and PWM_SIG2 output drivers are placed in a high-impedance state.
When set, the PWM_SIG1 and PWM_SIG2 output drivers are active. It should be noted that the function
of the PWM_SIG outputs is determined by the PWMDSel[1:0] bits in Register 04h.
9.9.3
Bass Cross-Over Frequency (BassMgr[2:0])
Default = 000
Function:
Controls the operation and cross-over frequency of the bass manager. See “Bass Management” on
page 35 for more information.
9.9.4
Enable Channel B Parametric EQ (EnChBPEq)
Default = 0
Function:
Enables the parametric EQ bi-quad filters for channel B.
9.9.5
Enable Channel A Parametric EQ (EnChAPEq)
Default = 0
Function:
Enables the parametric EQ bi-quad filters for channel A.
HiZPSig Setting
PWM_SIG Output Driver State
0 ..........................................High impedance.
1 ..........................................Drivers active.
BassMgr[2:0] Setting
Bass Manager Crossover Setting
000 ......................................Bass manager disabled.
001 ......................................Selects Bass Manager Frequency 1 - Approximately 80 Hz
010 ......................................Selects Bass Manager Frequency 2 - Approximately 120 Hz
011.......................................Selects Bass Manager Frequency 3 - Approximately 160 Hz
100 ......................................Selects Bass Manager Frequency 4 - Approximately 200 Hz
101 ......................................Selects Bass Manager Frequency 5 - Approximately 240 Hz
110.......................................Selects Bass Manager Frequency 6 - Approximately 280 Hz
111 .......................................Selects Bass Manager Frequency 7 - Approximately 320 Hz
EnChBPEq Setting
Channel B Parametric EQ State
0 ..........................................Disabled.
1 ..........................................Enabled.
EnChAPEq Setting
Channel A Parametric EQ State
0 ..........................................Disabled.
1 ..........................................Enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com