Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4525 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS4525_07 Datasheet HTML 30Page - Cirrus Logic CS4525_07 Datasheet HTML 31Page - Cirrus Logic CS4525_07 Datasheet HTML 32Page - Cirrus Logic CS4525_07 Datasheet HTML 33Page - Cirrus Logic CS4525_07 Datasheet HTML 34Page - Cirrus Logic CS4525_07 Datasheet HTML 35Page - Cirrus Logic CS4525_07 Datasheet HTML 36Page - Cirrus Logic CS4525_07 Datasheet HTML 37Page - Cirrus Logic CS4525_07 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 98 page
background image
34
DS726PP1
CS4525
6.1.4.7
Adaptive Loudness Compensation
The CS4525 includes adaptive loudness compensation to enhance the audibility of program material at
low volume levels. The adaptive loudness compensation feature operates by varying the bass and treble
boost of the tone control shelving filters as the volume level changes.
The level of boost added to the shelving filters is determined by the average of the effective volume set-
tings of channels A and B after the master volume control. As this average volume setting decreases from
0 dB, the boost of the bass and treble shelving filters is gradually increased until it reaches the maximum
boost level of 12.0 dB. As the volume is increased, the boost applied due to the adaptive loudness com-
pensation feature will be gradually removed until it reaches the level specified by the Treble[3:0] and
Bass[3:0] bits in the Tone Control register.
The adaptive loudness compensation feature is enabled by setting the Loudness bit in the Tone Config
register. When the loudness feature is enabled, it immediately evaluates the effective average volume and
applies bass and treble boost accordingly. When disabled, any treble or bass boost applied due to the
loudness feature will be removed.
Because the adaptive loudness compensation filter operates by adjusting the boost level of the tone con-
trol shelving filters, it is necessary that they be enabled with the EnToneCtrl bit in the Tone Config register
in order for the loudness feature to be operational. If the tone control filters are disabled, the adaptive loud-
ness compensation feature will not be functional.
Referenced Control
Register Location
Loudness............................. “Adaptive Loudness Compensation Control (Loudness)” on page 76
EnToneCtrl .......................... “Tone Control Enable (EnToneCtrl)” on page 77
TrebFc[1:0].......................... “Treble Corner Frequency (TrebFc[1:0])” on page 77
BassFc[1:0] ......................... “Bass Corner Frequency (BassFc[1:0])” on page 77
Treble[3:0] ........................... “Treble Gain Level (Treb[3:0])” on page 78
Bass[3:0] ............................. “Bass Gain Level (Bass[3:0])” on page 78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com